Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 5Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 6Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 7Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 8Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 9Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 10Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
9
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
THERMAL SHUTDOWN (TSD) PROTECTION
TSD Threshold[2]
TTSD
Temperature rising
155
165
–
°C
TSD Hysteresis[2]
TTSD(HYS)
–
20
–
°C
I2C INTERFACE
Logic Input Low (SDA, SCL)
VSCL(L)
–
–
0.8
V
Logic Input High (SDA, SCL)
VSCL(H)
2.3
–
–
V
Logic Input Hysteresis[2]
VI2CIHYS
–
150
–
mV
Logic Input Current
II2CI
–1
–
1
µA
SDA Output Voltage Low
VI2COut(L)
SDA = Low, pull-up current = 2.5 mA
–
–
0.4
V
SDA Output Leakage
II2CLKG
EN = Low, pull-up to 5.5 V
–
–
1
µA
SCL Clock Frequency
fCLK
–
–
400
KHz
ADDR PIN COMPARATOR THRESHOLD
Voltage Level for Address 101,0000
VADDLEVEL1 ADDR connected to GND
0
–
0.3
V
Voltage Level for Address 101,0001
VADDLEVEL2
0.6
–
0.9
V
Voltage Level for Address 101,0010
VADDLEVEL3
1.5
–
1.8
V
Voltage Level for Address 101,0011
VADDLEVEL4 ADDR connected to BIAS pin
2.4
–
3
V
1
For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing), positive current is defined as going into the node or pin
(sinking).
2
Ensured by design and characterization, not production tested.
3
Refer to Table 5 for Register Map.
ELECTRICAL CHARACTERISTICS [1] (continued): Valid at VIN = 5 V, EN = high, fSW = 2 MHz, VAVDD = 10 V, VVGH1 = 20 V, VVGL = –8 V,
TJ = TA = 25°C, except • indicates specifications guaranteed for TJ = TA = −40°C to 125°C, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com