Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 24Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 25Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 26Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
28
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
AB
C
DE
F
G
VGH
FAULT
(pull-up to VIN)
BIAS (IC
internal supply)
EN (external
enable)
VIN
(power supply)
VGL
VCOM
AVDD
Internal
Enable
0
0
0
0
90%
90%
Startup Phase
(Regulator OCP not recorded)
Normal Operation Phase
(Regulator OCP recorded)
50 ms
FAULT = L if overcurrent
persists for 50 ms
VGH tripped current
limit in normal op phase
VGH operating
at current limit
t1
t2
t3
t4
t≥ 0
Sequence of events:
A: System controller brings EN = H to enable the A8603.
B: After A8603 performs a POR (Power-On Reset), it pulls down FAULT flag to signal that it is ready for I2C commands.
C: System controller detected FAULT = L and sends in I2C command to clear the POR status bit. This resets FAULT to H (unless there were
other faults detected).
D: After programming the A8603 registers, system controller sets the internal_enable bit to 1, to turn on all output regulators.
E: The last regulator (VGH in this example) starts charging.
F: When all regulators have reached 90% of regulation target, the A8603 declares Startup Phase over and enters into normal operation phase.
However, VGH is still operating at its current limit, to charge its output cap to 100% . Therefore A8603 records this overcurrent status in
Reg0x18, bit3. This is not considered a fault.
G: During normal operation phase, if any regulator shows overcurrent for 50 ms, then the A8603 will pull FAULT = L and shutdown all regula-
tors in sequence.
Figure 16: Timing Diagram Showing when a Regulator Overcurrent Condition is Reported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com