Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 15 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 15 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 11Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 12Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 13Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 14Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 15Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 16Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 17Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 18Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 19Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
15
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
All faults and critical signals are recorded into log registers.
External devices can read these log registers for diagnostic or
maintenance purposes.
The A8603 provides two types of diagnostic status registers:
• Registers 0x14-16 (#20-22 in decimal) store the real-time
status bits for regulator voltage, current, and fault conditions.
• Registers 0x17-1B (#23-27 in decimal) store the ‘latched’
status bits for voltage, current, and fault conditions. In case
of a fault shutdown, the real-time status bits may be cleared,
but the user can read the latched status bits and determine the
cause for the shutdown.
Real-Time Status Registers
Registers 0x14 to 0x16 are read-only (refer to Tables 6 - 8).
Table 6: Register 0x14 – Output Voltage Status During Startup/Shutdown
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
VGH > 90%
VGL > 90%
VCOM > 90%
AVDD > 90%
VGH > 30%
VGL > 30%
VCOM > 10%
AVDD > 10%
Each bit is set to ‘1’ when its corresponding regulator voltage is above threshold. They are only useful during startup and shutdown.
Table 7: Register 0x15 – Output Current Status During Operation
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
-
-
-
-
VGH ILimit
VGL ILimit
VCOM ILimit
AVDD ILimit
Each bit is set to ‘1’ when its corresponding regulator is operating at current limit. Note that those bits are ignored during startup phase (where all regulators must work at cur-
rent limit to charge up output capacitors quickly). During normal operation mode, it is acceptable for any regulator to reach its current limit momentarily. Only if the overcurrent
condition persists for 50 ms, then the FAULT pin is pulled down and a RailFault (Reg0x16 bit2) is recorded.
Table 8: Register 0x16 – Fault Status
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
FAULT
MaxRetry
WatchDog
SW ILimit2
SW OVP
Rail Fault
FSET fault
TSD
Explanation of each bit:
Bit7 = 1 if any Fault has occurred (it is not set in case of a POR or Hard-Reset).
Bit6 = 1 if the number of fault retries has reached MaxRetry limit.
Bit5 = 1 if the startup watchdog timer (Reg0x09) has expired before all output regulators can reach 90% target.
Bit4 = 1 if the boost switch current has exceeded its secondary OCP limit (150% of cycle-by-cycle current limit).
Bit3 = 1 if the boost switch voltage has exceeded its OVP threshold.
Bit2 = 1 if any output regulator reached its OCP limit for 50 ms.
Bit1 = 1 if the FSET pin is either open or shorted to GND.
Bit0 = 1 if a thermal shutdown has occurred.
DIAGNOSTIC REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com