Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8603KESTR-R Datasheet(PDF) 31 Page - Allegro MicroSystems

Part # A8603KESTR-R
Description  Multiple-Output Regulator for Automotive LCD Displays
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8603KESTR-R Datasheet(HTML) 31 Page - Allegro MicroSystems

Back Button A8603KESTR-R Datasheet HTML 27Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 28Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 29Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 30Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 31Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 32Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 33Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 34Page - Allegro MicroSystems A8603KESTR-R Datasheet HTML 35Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Multiple-Output Regulator for
Automotive LCD Displays
A8603
31
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Fault Monitoring
The fault monitoring system prioritizes the fault in three different
categories. Based on the severity of the fault, diagnostic algo-
rithm handle the shutdown sequence of all regulators.
FAULT1 (GROUP1)
If any fault from the below list is detected, the A8603 halts
operation and pulls the FAULT pin low. All regulators shut down
in sequence. It then attempts to restart operation after a delay,
tRESTART (default 100 ms). Internally, there is a fault counter that
keeps tracks of how many times any fault has occurred. If the
fault counter reaches its programmed limit (default 8), the A8603
is completely shutdown. A hardware reset (either by EN = L or
VIN below UVLO) is then required before the A8603 can restart.
Startup Fail
Regulator output voltage fails to reach 90% of its
target voltage within timeout period
Regulator
Undervoltage
Regulator output voltages are below 80% of the
target voltage. This signal is ignored during startup.
Regulator
Overvoltage
Regulator output voltage are above 120% of the
target voltage. This signal is ignored during startup.
Regulator
Overcurrent
Regulator output currents are above the current limit
threshold. This signal is ignored during startup.
FSET Shorted FSET pin shorted to ground. IC moves to internal
fixed 1 MHz oscillator.
• Each regulator output is protected by its own independent
overcurrent limit. When an output current exceeds its limit,
the corresponding regulator goes in to overcurrent protection
mode to protect itself from damage. If the overcurrent
condition persists for 50 ms, all regulators are turned off
following the normal shutdown sequence.
• Each regulator output is protected by its own overvoltage
fault detection. When an output voltage exceeds its limit, the
corresponding regulator is turned off immediately. The other
outputs then shut down following normal sequence. The same
applies to undervoltage fault detection.
• When FSET pin is shorted to ground, IC begins a shutdown
sequence, at the switching frequency set by the internal 1 MHz
oscillator. The FAULT pin is pulled low and the internal error
counter is increased by 1.
FAULT2 (GROUP2)
When following faults are detected, the A8603 halts operation
and pulls the FAULT pin low. All outputs are shut off immedi-
ately. It then attempts to restart operation after a delay, tRESTART
(default 100 ms). Internally, there is a fault counter that keeps
tracks of how many times any fault has occurred. If the fault
counter reaches its programmed limit (default 8), the A8603 is
completely shut down. A hardware reset (either by EN = L or VIN
below UVLO) is then required before the A8603 can restart.
SW Overvoltage SW pin voltage exceeds SWOVP
SW Overcurrent SW pin current exceeds ISWILIM2.
Thermal
Shutdown
IC die temperature exceeds TTSD
FAULT3 (GROUP3)
When a supply undervoltage fault is detected, the A8603 shuts
down immediately. All outputs are turned off without following
the shutdown sequence. All digital states are erased. The FAULT
flag will not be asserted. The device will not attempt to restart.
VIN UVLO
VIN (input supply) is below 2.8 V.
BIAS UVLO
VBIAS (internal rail) is below 2.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com