Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
DS992F2
47
CS53L30
7 Register Descriptions
7 Register Descriptions
All registers are read/write except for the chip ID, revision register, and status registers, which are read only. Refer to the
following bit definition tables for bit assignment information. The default state of each bit after a power-up sequence or
reset is indicated. All reserved registers must maintain their default state.
7.1 Device ID A and B
Address 0x01
R/O
7
654
32
10
DEVIDA[3:0]
DEVIDB[3:0]
Default
0
101
00
11
7.2 Device ID C and D
Address 0x02
R/O
7
654
32
10
DEVIDC[3:0]
DEVIDD[3:0]
Default
1
010
00
11
7.3 Device ID E
Address 0x03
R/O
7
654
32
10
DEVIDE[3:0]
—
Default
0
000
00
00
Bits
Name
Description
7:4
DEVIDA
DEVIDC
DEVIDE
Device ID code for the CS53L30.
DEVIDA 0x5
DEVIDB 0x3
DEVIDC 0xA Represents the “L” in CS53L30
.
DEVIDD 0x3
DEVIDE 0x0
3:0
DEVIDB
DEVIDD
7.4 Revision ID
Address 0x05
R/O
7
654
32
10
AREVID[3:0]
MTLREVID[3:0]
Default
x
xxx
xx
xx
Bits
Name
Description
7:4
AREVID
Alpha revision. CS53L30 alpha revision level. AREVID and MTLREVID form the complete device revision ID (e.g., A0, B2).
0xA A…
0xF F
3:0 MTLREVID Metal revision. CS53L30 metal revision level. AREVID and MTLREVID form the complete device revision ID (e.g., A0, B2).
0x0 0…
0xF F
7.5 Power Control
Address 0x06
R/W
7
6
5
4
32
10
PDN_ULP
PDN_LP
DISCHARGE_FILT+ THMS_PDN
—
Default
0
0
0
10
00
0
Bits
Name
Description
7
PDN_ULP
CS53L30 power down. Configures the power state of the entire device. After power-up (PDN_ULP: 1
 0), subblocks
stop ignoring their individual power controls and are powered according to their settings. PDN_ULP has precedence over
PDN_LP (i.e., if PDN_ULP is set, the ADC and references are all powered down).
0 (Default) Powered up, as per the individual x_PDN controls.
1 Powered down. After PDN_ULP is set and the entire device is powered down, PDN_DONE is set, indicating that
MCLK can be removed.
6
PDN_LP
Partial CS53L30 power down. Configures the power state of the device, with the exception of the reference circuits to
allow for faster startup during power cycles. After power up (PDN_LP: 1
0), subblocks stop ignoring their individual
power controls and are powered according to their settings.
0 (Default) Powered up, as per the individual x_PDN controls.
1 Powered down.
Note: If PDN_ULP is set, the value of PDN_LP is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com