Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 4Page - Cirrus Logic CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
DS992F2
CS53L30
2 Typical Connection Diagram
Figure 2-2. Typical Connection Diagram—Digital Microphone Connections
1. The MICx_BIAS compensation capacitor must be 1 µF (nominal values indicated, can vary from the nominal by ±20%). This value is bounded
by the stability of the amplifier and the maximum rise-time specification of the output.
2. The DC-blocking capacitor, CINM, forms a high-pass filter whose corner frequency is determined by the capacitor value and the input
impedance. See Table 3-5 and Section 4.4.2.
3. The reference terminal of the INx inputs connects to the ground pin of the mic cartridge in the pseudodifferential case. In a fully differential
configuration, the reference terminal of the INx inputs connects to the inverting output terminal of differential mic.
4. RP_I and RP can be calculated by using the values in Table 3-14.
5. The value of RBIAS, the bias resistor for electret condenser mics, is dictated by the mic cartridge.
6. The INT pin is provided only on the QFN package.
7. ASP_SDOUT2/AD0 and DMIC2_SCLK/AD1 have internal pull-downs that allow for the default I2C address with no external components.
See Table 3-14 for typical and maximum pull-down values. If an I2C physical address other than the default is desired, then external resistor
termination to VA is required. The minimum value resistor allowed on these I/O pins is 10 k
The time constant resulting from the pull-up/
pull-down resistor and the total net capacitance should be considered when determining the time required for the pin voltage to settle before
RESET
is deasserted.
8. Unconnected INx pins can be terminated with an internal weak_vcm or weak pull-down by setting the termination in the INxy_BIAS bits. See
Section 5.7, Section 7.19, and Section 7.20.
CS53L30
GNDD
GNDA
Left Digital
Microphone1
Right Digital
Microphone1
IN1+/DMIC1_SD
DMIC1_SCLK
L/R
DATA
L/ R
DATA
IN3+/DMIC2_SD
Left Digital
Microphone2
Right Digital
Microphone2
L/R
DATA
L/ R
DATA
+1.8 V
+1.8 V
VP
0.1 µF
*
+3.6 V
FILT+
MIC_BIAS_FILT
*
4.7 µF
PMU
SCL
SDA
SoC
VA
0.1 µF
RP
*
RP
ASP_LRCK/FSYNC
ASP_SCLK
ASP_SDOUT1
MCLK
RESET
MUTE
RP_I
Key for Capacitor Types Required:
*
Use low ESR, X7R/X5R capacitors
All External Passive Component Values Shown Are Nominal Values
.
0.47 µF
0.47 µF
0.47 µF
0.47 µF
MIC1_BIAS
MIC3_BIAS
DMIC2_SCLK/AD1
SYNC
IN1–, IN2+, IN2–,
IN3–, IN4+, IN4–
ASP_SDOUT2/AD0
INT
Note 4
Note 4
Note 8
Note 7
Note 7
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com