Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
DS992F2
9
CS53L30
3 Characteristics and Specifications
3 Characteristics and Specifications
Section 8 provides additional details about parameter definitions.
Table 3-1. Recommended Operating Conditions
Test conditions: GNDA = GNDD = 0 V; all voltages are with respect to ground.
Parameters 1
1.Device functional operation is guaranteed within these limits; operation outside them is not guaranteed or implied and may reduce device reliability.
Symbol
Min
Max
Unit
DC power supply
Analog/Digital
VA
1.71
1.89
V
VP_MIN = 1
VP_MIN = 0
VP
3.2
3.0
5.25
5.25
V
V
External voltage applied to pin 2
2.The maximum over/under voltage is limited by the input current.
VA domain pins
VIN-AI
–0.3
VA + 0.3
V
VP domain pins
VIN-PI
–0.3
VP + 0.3
V
Ambient temperature
Commercial
TA
–10
+70
C
Table 3-2. Absolute Maximum Ratings
Test conditions: GNDA = GNDD = 0 V; all voltages are with respect to ground.
Parameters
Symbol
Min
Max
Units
DC power supply
Analog/digital
Mic bias
VA
VP
–0.3
–0.3
2.22
5.6
V
V
Input current 1
1.Any pin except supplies. Transient currents of up to ±100 mA on the capture-path pins do not cause SCR latch-up.
Iin
—±10
mA
Ambient operating temperature (power applied)
TA
–50
+115
°C
Storage temperature (no power applied)
Tstg
–65
+150
°C
CAUTION: Operation at or beyond these limits may permanently damage the device.
Table 3-3. Combined ADC On-Chip Analog, Digital Filter, SRC, and DMIC Characteristics
Test conditions (unless otherwise specified): TA = +25°C; MCLK = 12.288 MHz; characteristics do not include the effects of external AC-coupling
capacitors. Path is INx to SDOUT. Analog and digital gains are all set to 0 dB; HPF disabled.
Parameters 1
1.Specifications are normalized to Fs and can be denormalized by multiplying by Fs.
Min
Typ
Max
Units
Fsint = Fsext =
Fs = 48 kHz [2]
2.See Section 5.6 for information about combined filter response when Fsint is not equal to Fsext.
ADC notch filter on
(ADCx_NOTCH_
DIS = 0)
Passband
–0.05-dB corner
–3.0-dB corner
—
—
0.391
0.410
—
—
Fs
Fs
Passband ripple (0 Hz to 0.394 Fs; normalized to 0 Hz)
–0.13
—
0.14
dB
Stopband @ –70 dB
—
0.492
—
Fs
Total group delay
—
15.3/Fsint +6.5/Fsext
—s
ADC notch filter off
(ADCx_NOTCH_
DIS = 1)
Passband
–0.05-dB corner
–3.0-dB corner
—
—
0.445
0.470
—
—
Fs
Fs
Passband ripple (0 Hz to 0.447 Fs; normalized to 0 Hz)
–0.09
—
0.14
dB
Stopband @ –70 dB
—
0.639
—
Fs
Total group delay
—
15.5/Fsint +6.6/Fsext
—s
Table 3-4. ADC High-Pass Filter (HPF) Characteristics
Test conditions (unless specified otherwise): Analog and digital gains are all set to 0 dB; ADCx_HPF_CF = 00.
Parameters 1
1.Response scales with Fsint. Specifications are normalized to Fsint and are denormalized by multiplying by Fsint.
Min
Typ
Max
Units
Passband 2
2.Characteristics do not include effects of the analog HPF filter formed by the external AC-coupling capacitors and the input impedance.
–0.05-dB corner
–3.0-dB corner
—
—
3.57x10–4
3.88x10–5
—
—
Fsint
Fsint
Passband ripple (0.417x10–3 Fs to 0.417 Fs; normalized to 0.417 Fs)
—
—
0.01
dB
Phase deviation @ 0.453 x 10–3 Fs
—
4.896
—
°
Filter settling time 3
3.Required time for the magnitude of the DC component present at the output of the HPF to reach 5% of the applied DC signal.
ADCx_HPF_CF = 00 (3.88 x 10–5 x Fsint mode)
ADCx_HPF_CF = 01 (2.5 x 10–3 x Fsint mode)
ADCx_HPF_CF = 10 (4.9 x 10–3 x Fsint mode)
ADCx_HPF_CF = 11 (9.7 x 10–3 x Fsint mode)
—
—
—
—
12260/Fsint
200/Fsint
100/Fsint
50/Fsint
—
—
—
—
s
s
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com