Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
DS992F2
13
CS53L30
3 Characteristics and Specifications
Table 3-9. Register Field Settings
Use
Cases
Register Fields and Settings
1
— ——— ——— — — — — ——— ——— —
—
—
—
—
—
—
—
———
2 A
1 ——— ——— — — — — ——— ——— —
—
—
—
—
—
—
—
———
B
1 — 1 — ——— — — — — ——— ——— —
—
—
—
—
—
—
—
———
C
0 1 — — ——— — — — — ——— ——— —
—
—
—
—
—
—
—
———
D
0 1 1 — ——— — — — — ——— ——— —
—
—
—
—
—
—
—
———
3 A
0 0 0 — 1 1 1 1 — 1100 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
B
0 0 0 — 0 1 1 1 10 1100 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
C
0 0 0 1 1 1 1 1 — 0101 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
D
0 0 0 1 0 1 1 1 10 0101 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
E
0 0 0 1 1 1 1 1 — 0001 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
F
0 0 0 1 0 1 1 1 10 0001 0 1 0 0 1 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
G
0 0 0 — 1 1 1 1 — 1100 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
H
0 0 0 — 0 0 1 1 10 1100 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
I
0 0 0 1 1 1 1 1 — 0101 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
J
0 0 0 1 0 0 1 1 10 0101 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
K
0 0 0 1 1 1 1 1 — 0001 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
L
0 0 0 1 0 0 1 1 10 0001 0 1 0 0 0 1 1 10 011000 10 011000 10 011000 10 011000 1 1 0
M
0 0 0 — 1 1 1 1 — 1100 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
N
0 0 0 — 0 0 0 0 10 1100 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
O
0 0 0 1 1 1 1 1 — 0101 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
P
0 0 0 1 0 0 0 0 10 0101 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
Q
0 0 0 1 1 1 1 1 — 0001 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
R
0 0 0 1 0 0 0 0 10 0001 0 0 0 0 0 0 0 10 011000 10 011000 10 011000 10 011000 1 1 0
4 A
0 0 0 — 1 1 1 1 — 1100 0 0 0 0 0 0 0 00 000000 00 000000 00 000000 00 000000 1 1 0
B
0 0 0 1 1 1 1 1 — 0101 0 0 0 0 0 0 0 00 000000 00 000000 00 000000 00 000000 1 1 0
C
0 0 0 1 1 1 1 1 — 0001 0 0 0 0 0 0 0 00 000000 00 000000 00 000000 00 000000 1 1 0
5 A
000 — 0 000 10 1100 00 000 00 —
—
—
—
—
—
—
—
00 0
B
000 10 000 10 0101 0 0 000 00 —
—
—
—
—
—
—
—
00 0
C
000 10 000 10 0001 0 0 000 00 —
—
—
—
—
—
—
—
00 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com