Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic CS53L30 Datasheet HTML 52Page - Cirrus Logic CS53L30 Datasheet HTML 53Page - Cirrus Logic CS53L30 Datasheet HTML 54Page - Cirrus Logic CS53L30 Datasheet HTML 55Page - Cirrus Logic CS53L30 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
52
DS992F2
CS53L30
7.19 Input Bias Control 1
4
MUTE_ASP_
SDOUT1_PDN
Power down ASP_SDOUT1 when MUTE pin is asserted. Setting is ignored in TDM Mode.
0 (Default) Not affected by MUTE pin.
1 Powered down when MUTE pin asserted.
3, 2,
1, 0
MUTE_ADCxy_PDN Individual power down controls for the ADCs when the MUTE pin is asserted.
0 (Default) Not affected by MUTE pin
1 Powered down when MUTE pin asserted
7.19 Input Bias Control 1
Address 0x21
R/W
765432
10
IN4M_BIAS[1:0]
IN4P_BIAS[1:0]
IN3M_BIAS[1:0]
IN3P_BIAS[1:0]
Default
10101
010
7.20 Input Bias Control 2
Address 0x22
R/W
765432
10
IN2M_BIAS[1:0]
IN2P_BIAS[1:0]
IN1M_BIAS[1:0]
IN1P_BIAS[1:0]
Default
10101
010
Bits
Name
Description
7:6,
5:4,
3:2,
1:0
INxy_BIAS
Input xy pin bias control. Controls the input pin bias configuration.
00 Open. Set if no pin bias is desired. The pin is always unbiased in this state.
01 Weakly pulled down. Set if an internal weak pulldown is desired on the input pin.
10 (Default) Weak VCM. Set if weak VCM is desired, biased to weak VCM when necessary.
11 Reserved
7.21 DMIC1 Stereo Control
Address 0x23
R/W
76
5
4
32
10
—
DMIC1_STEREO_ENB
—
Default
1
0
1
0
10
00
7.22 DMIC2 Stereo Control
Address 0x24
R/W
76
5
4321
0
—
DMIC2_STEREO_ENB
—
Default
1
1
1
0110
0
Bits
Name
Description
7:6
—
Reserved
5DMICx_
STEREO_
ENB
DMIC2 stereo/mono enable.
0 Stereo input from the digital mic DMIC2_SD pin is enabled.
1 (Default) Mono (left-channel or rising-edge data) from DMIC2 is enabled and stereo is disabled.
4:0
—
Reserved
7.23 ADC1/DMIC1 Control 1
Address 0x25
R/W
76
5
4
3
2
1
0
ADC1B_PDN
ADC1A_PDN
—
DMIC1_PDN DMIC1_SCLK_DIV
CH_TYPE
Default
0
0
0
0
0
1
0
0
Bits
Name
Description
7, 6 ADC1x_
PDN
ADC1x power down. Configures the ADC Channel x power state. All analog front-end circuity (preamp, PGA, etc.) associated
with that channel is powered up or down accordingly. Also enables the digital decimator associated with that channel and must
be cleared if the input channel type is digital.
0 (Default) Powered up
1 Powered down
5:3
—
Reserved
2DMIC1_
PDN
Power down digital mic clock. Determines the power state of the digital mic interface clock.
0 Powered up
1 (Default) Powered down.
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com