Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic CS53L30 Datasheet HTML 20Page - Cirrus Logic CS53L30 Datasheet HTML 21Page - Cirrus Logic CS53L30 Datasheet HTML 22Page - Cirrus Logic CS53L30 Datasheet HTML 23Page - Cirrus Logic CS53L30 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20
DS992F2
CS53L30
4.4 Capture-Path Inputs
4.3.2
Interrupt Handling with the QFN Package
The interrupt pin (INT) is implemented on the QFN package. Interrupt status bits can be individually masked by setting
corresponding bits in the interrupt mask register (see Section 7.35). The configuration of mask bits determines which
events cause the assertion of INT:
• When an unmasked interrupt status event is detected, the status bit is set and INT is asserted.
• When a masked interrupt status event is detected, the interrupt status bit is set, but INT is not affected.
Once INT is asserted, it remains asserted until all status bits that are unmasked and set have been read. If a condition
remains present and the status bit is read, although INT is deasserted, the status bit remains set.
To clear any status bits set due to the initiation of a path or block, all interrupt status bits should be read after reset and
before normal operation begins. Otherwise, unmasking any previously set status bits causes INT to assert.
Figure 4-2. Example of Rising-Edge Sensitive, Sticky, Interrupt Status Bit Behavior (INT Pin in QFN only)
4.4 Capture-Path Inputs
This section describes the line in and mic inputs. Fig. 4-3 shows the capture-path signal flow.
Figure 4-3. Capture-Path Signal Flow
Raw signal feeding
status register bit
Status register bit
___
INT pin
Register read
signal
Status read value
0
11
0
10
Read Source
10
Channel 2B Data Path
Channel 2A Data Path
Channel 1B Data Path
Channel 1A Data Path
PGA
Decimator
PGA
Decimator
Digital Gain
Adjust
HPF
ADC1A
ADC1B
Digital Gain
Adjust
HPF
Noise Gate
To Serial Port
PGA
Decimator
PGA
Decimator
Digital Gain
Adjust
HPF
ADC2A
ADC2B
Digital Gain
Adjust
HPF
Noise Gate
To Serial Port
IN1+/DMIC1_SD
IN2–
IN1–
IN2+
IN3+/DMIC3_SD
IN4–
IN3–
IN4+
ADC1x_VOL
ADC1x_PGA_VOL
CH_TYPE
ADC1_HPF_EN
ADC1x_VOL
ADC1x_PREAMP
ADC1x_PREAMP
ADC2x_VOL
ADC2x_PGA_VOL
ADC2_HPF_EN
ADC2x_PGA_VOL
ADC2x_VOL
ADC2x_PREAMP
ADC2x_PREAMP
ADC1x_NG
ADC2x_NG
ADC1_HPF_EN
ADC1x_PGA_VOL
ADC2_HPF_EN
CH_TYPE
CH_TYPE
CH_TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com