Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 1 Page - Cirrus Logic

  CS53L30 Datasheet HTML 1Page - Cirrus Logic CS53L30 Datasheet HTML 2Page - Cirrus Logic CS53L30 Datasheet HTML 3Page - Cirrus Logic CS53L30 Datasheet HTML 4Page - Cirrus Logic CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Copyright
 Cirrus Logic, Inc. 2013–2015
(All Rights Reserved)
http://www.cirrus.com
Low-Power Quad-Channel Microphone ADC with TDM Output
Analog Input and ADC Features
91-dB dynamic range (A-weighted) @ 0-dB gain
–84-dB THD+N @ 0-dB gain
Four fully differential inputs: Four analog mic/line inputs
Four analog programmable gain amplifiers
–6 to +12 dB, in 0.5-dB steps
+10 or +20 dB boost for mic input
Four mic bias generators
MUTE pin for quick mic mute and programmable quick
power down
Digital Processing Features
Volume control, mute, programmable high-pass filter,
noise gate
Two digital mic (DMIC) interfaces
Digital Output Features
Two DMIC SCLK generators
Four-channel I2S output or TDM output. Four CS53L30s
can be used to output 16 channels of 24-bit 16-kHz
sample rate data on a single TDM line.
System Features
Native (no PLL required) support for 6-/12-MHz, 6.144-/
12.288-MHz, 5.6448-/11.2896-MHz, or 19.2-MHz master
clock rates and 8- to 48-kHz audio sample rates
Master or Slave Mode. Clock dividers can be used to
generate common audio clocks from single-master clock
input.
Low power consumption
Less than 4.5-mW stereo (16 kHz) analog mic record
Less than 2.5-mW mono (8 kHz) analog mic record
Selectable mic bias and digital interface logic voltages
High-speed (400-kHz) I²C control port
Available in 30-ball WLCSP and 32-pin QFN
Applications
Voice-recognition systems
Advanced headsets and telephony systems
Voice recorders
Digital cameras and video cameras
CS53L30
Digital Processing
Control
Port
Level Shifters
MIC 1_BIAS
Serial Port
MIC 2_BIAS
VP
MCLK
DMIC1_SCLK
MIC3_BIAS
MIC4_BIAS
–6 to +12 dB,
0.5 dB steps
+10 or +20 dB
ADC1B
–
+
–
+
MIC1 Bias
MIC2 Bias
MIC3 Bias
MIC4 Bias
HPF, Noise
Gate, Volume,
Mute
Audio
Serial Port
Control Port
RESET
MCLK_INT
Clock Divider
Synchronizer
DMIC
ADC1A
–
+
LDO
VA
VD
2
2
4
MCLK_INT
HPF, Noise
Gate, Volume,
Mute
SYNC
MUTE
Synchronous
SRC
IN1+/DMIC1_SD
IN2–
IN1–
IN2+
DMIC2_SCLK
–
+
–6 to +12 dB,
0.5 dB steps
+10 or +20 dB
ADC2B
–
+
–
+
ADC2A
–
+
MCLK_INT
IN3+/DMIC2_SD
IN4–
IN3–
IN4+
–
+
CS53L30
DS992F2
MAR '15


Similar Part No. - CS53L30

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS53L32A CIRRUS-CS53L32A Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-BZ CIRRUS-CS53L32A-BZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-KZ CIRRUS-CS53L32A-KZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
CS53L32A-KZZ CIRRUS-CS53L32A-KZZ Datasheet
716Kb / 40P
Low Voltage, Stereo A/D Converter
More results

Similar Description - CS53L30

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
Stereo ADC with Microphone Preamplifier
WM8953 WOLFSON-WM8953 Datasheet
1Mb / 100P
Low Power Stereo ADC with PLL and TDM Interface
logo
Nuvoton Technology Corp...
NAU85L40B NUVOTON-NAU85L40B Datasheet
2Mb / 57P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
logo
TDK Electronics
ICS-52000 TDK-ICS-52000 Datasheet
422Kb / 20P
Low-Noise Microphone with TDM Digital Output
logo
Nuvoton Technology Corp...
NAU85L40 NUVOTON-NAU85L40 Datasheet
933Kb / 24P
Quad Audio ADC with Integrated FLL and Microphone Preamplifier
logo
Texas Instruments
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com