Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic CS53L30 Datasheet HTML 20Page - Cirrus Logic CS53L30 Datasheet HTML 21Page - Cirrus Logic CS53L30 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
DS992F2
CS53L30
4 Functional Description
4 Functional Description
This section provides a general description of the CS53L30 architecture and detailed functional descriptions of the various
blocks that comprise the CS53L30.
4.1 Overview
Fig. 4-1 is a block diagram of the CS53L30 with links to descriptions of major subblocks.
Figure 4-1. Overview of Signal Flow
The CS53L30 is a low-power, four-channel, 24-bit audio ADC. The ADCs are fed by fully differential analog inputs that
support mic and line-level input signals. The ADCs are designed using multibit delta-sigma techniques. The ADCs operate
at an optimal oversampling ratio balancing performance with power savings. Enhanced power savings are possible when
the internal MCLK is scaled by setting MCLK_INT_SCALE (see p. 45). Table 4-2 lists supported sample rates with scaled
internal MCLK.
The serial data port operates at a selectable range of standard audio sample rates as either timing master or slave. Core
timing is flexibly sourced, without the need of a PLL, by clocks with typical audio clock rates (N x 5.6448, or N x 6.1440
MHz; where N = 1 or 2), USB rates (6 or 12 MHz), or 3G and DVB rates (19.2 MHz).
The integrated LDO regulator allows the digital core to operate at a very low voltage, significantly reducing the CS53L30’s
overall power consumption.
The CS53L30 can operate in a system with multiple CS53L30s to increase the number of channels available. The
CS53L30s may be connected in a multidrop configuration in TDM Mode. Up to four CS53L30s can operate simultaneously
on the same TDM bus. Connecting together the SYNC pins of multiple CS53L30s allows operation with minimal
channel-to-channel phase mismatch across devices.
The signal to be converted can be either mic/line-level. The digital mic inputs (IN1+/DMIC1_SD, IN3+/DMIC2_SD) connect
directly to the decimators.
CS53L30
Digital Processing
Control
Port
Level Shifters
MIC 1_BIAS
Serial Port
MIC 2_BIAS
VP
MCLK
DMIC1_SCLK
MIC3_BIAS
MIC4_BIAS
–6 to +12 dB,
0.5 dB steps
+10 or +20 dB
ADC1B
–
+
–
+
–6 to +12 dB,
0.5 dB steps
+10 or +20 dB
–
+
–
+
MIC1 Bias
MIC2 Bias
MIC3 Bias
MIC4 Bias
HPF, Noise
Gate, Volume,
Mute
Audio
Serial Port
Control Port
RESET
MCLK_INT
Clock Divider
Synchronizer
DMIC
ADC1A
ADC2B
ADC2A
–
+
–
+
LDO
VA
VD
2
2
4
MCLK_INT
MCLK_INT
HPF, Noise
Gate, Volume,
Mute
SYNC
MUTE
Synchronous
SRC
IN1+/DMIC1_SD
IN2–
IN1–
IN2+
IN3+/DMIC2_SD
IN4–
IN3–
IN4+
DMIC2_SCLK
See Section 4.4.
See
Section 4.9.
See Section 4.5.
See Section 4.6.
See
Section 4.8.
See Section 4.14.
See Section 4.12.
See Section 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com