Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 36Page - Cirrus Logic CS53L30 Datasheet HTML 37Page - Cirrus Logic CS53L30 Datasheet HTML 38Page - Cirrus Logic CS53L30 Datasheet HTML 39Page - Cirrus Logic CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
40
DS992F2
CS53L30
5.2 Power-Up Sequence
6.4 Configure TDM
channels.
ASP TDM TX Control 1–4, Address 0x0E–0x11
ASP TDM TX Control 1, Address 0x0E
0x00
ASP_CH1_STATE†
Reserved
ASP_CH1_TX_LOC[5:0]†
0
0
00 0000
Channel 1 data is available.
—
Channel 1 begins at Slot 0.
ASP TDM TX Control 2, Address 0x0F
0x03
ASP_CH2_STATE†
Reserved
ASP_CH2_TX_LOC[5:0]†
0
0
00 0011
Channel 2 data is available.
—
Channel 2 begins at Slot 3.
ASP TDM TX Control 3, Address 0x10
0x06
ASP_CH3_STATE†
Reserved
ASP_CH3_TX_LOC[5:0]†
0
0
00 0110
Channel 3 data is available.
—
Channel 3 begins at Slot 6.
ASP TDM TX Control 4, Address 0x11
0x09
ASP_CH4_STATE†
Reserved
ASP_CH4_TX_LOC[5:0]†
0
0
00 1001
Channel 4 data is available.
—
Channel 4 begins at Slot 9.
6.5 Enable TDM slots.
ASP TDM TX Enable 1–6, Address 0x12–0x17
ASP TDM TX Enable 1, Address 0x16
0x0F
ASP_TX_ENABLE1[7:0]†
0000 1111 Slots 8-11 are enabled.
ASP TDM TX Enable 2, Address 0x17
0xFF
ASP_TX_ENABLE1[7:0]†
1111 1111 Slots 0-7 are enabled.
7 Write the following registers to configure MUTE pin functionality.
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
7.1 Configure MUTE pin
power down controls.
MUTE Pin Control 1, Address 0x1F†
0x00
Default values (power down controls are not affected by
MUTE pin)
7.2 Configure MUTE pin
polarity and power
down controls.
MUTE Pin Control 2, Address 0x20†
0x80
Default values (MUTE pin is active high, power down
controls are not affected by MUTE pin)
8 Write the following
registers to configure the
mic bias outputs.
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
Mic Bias Control, Address 0x0A
0x06
MIC4_BIAS_PDN–MIC1_BIAS_PDN†
Reserved
VP_MIN†
MIC_BIAS_CTRL[1:0]†
0000
0
1
10
All four mic bias outputs are enabled.
—
VP PSRR is optimized for a minimum voltage of 3.2 V.
Mic bias outputs are 2.75 V.
9 Write the following registers to configure the volume controls.
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
9.1 Enable soft ramp on
digital volume
changes.
Soft Ramp Control, Address 0x1A
0x20
Reserved
DIGSFT†
Reserved
00
1
0 0000
—
Digital volume changes occur with a soft ramp.
—
9.2 Configure the ADC1A
and ADC1B preamp
and PGA settings.
ADC1A/1B AFE Control, Address 0x29–0x2A
ADC1A AFE Control, Address 0x29
0x40
ADC1A_PREAMP[1:0]†
ADC1A_PGA_VOL[5:0]†
01
00 0000
ADC1A preamp gain is +10 dB.
ADC1A PGA is set to 0 dB.
ADC1B AFE Control, Address 0x2A
0x40
ADC1B_PREAMP[1:0]†
01
ADC1B preamp gain is +10 dB.
ADC1B_PGA_VOL[5:0]†
00 0000 ADC1B PGA is set to 0 dB.
9.3 Configure the ADC1A
and ADC1B channel
volumes.
ADC1A/1B Digital Volume, Address 0x2B–0x2C
ADC1A Digital Volume, Address 0x2B
0x00
ADC1A_VOL[7:0]†
0000 0000 ADC1A digital volume is set to 0 dB.
ADC1B Digital Volume, Address 0x2C
0x00
ADC1B_VOL[7:0]†
0000 0000 ADC1B digital volume is set to 0 dB.
Example 5-1. Power-Up Sequence (Cont.)
STEP TASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com