Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic CS53L30 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
16
DS992F2
CS53L30
3 Characteristics and Specifications
8.Hand-off timing for multidevice
systems (SHIFT_LEFT = 1).
When SHIFT_LEFT = 1, it is
recommended to insert an empty
slot between devices on the
TDM bus to prevent contention
possibilities.
9.In Master Mode, the output sample rate follows the MCLK rate, per Section 4.6.5. MCLK deviations from the nominal supported rates are passed
directly to the output sample rate by the same factor (e.g., a +100 ppm offset in the frequency of MCLK becomes a +100 ppm offset in FSYNC).
10.“n” refers to number of SCLK cycles programmed in LRCK_TPWH[10:3] | LRCK_TPWH[2:0] (see p. 51) when
LRCK_50_NPW (see p. 51) is set;
otherwise, tFSYNC has a 50% duty cycle.
Table 3-13. Switching Specifications—I2C Control Port
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0 V; all voltages are with respect to ground;
Parameters can vary with VA, typical performance data taken with VA = 1.8 V, VP = 3.6 V, min/max performance data taken with VA = 1.8V, VP = 3.6V;
TA = +25°C; logic 0 = ground, logic 1 = VA; input timings are measured at VIL and VIH thresholds, and output timings are measured at VOL and VOH
thresholds (see Table 3-14).
Parameter 1,2
1.All specifications are valid for the signals at the pins of the CS53L30 with the specified load capacitance.
2.I2C control port timing.
Symbol
Min
Max
Unit
RESET rising edge to start
tirs
500
—
ns
SCL clock frequency
fscl
—
550
kHz
Start condition hold time (prior to first clock pulse)
thdst
0.6
—
µs
Clock low time
tlow
1.3
—
µs
Clock high time
thigh
0.6
—
µs
Setup time for repeated start condition
tsust
0.6
—
µs
SDA input hold time from SCL falling 3
3.Data must be held for sufficient time to bridge the transition time, tf, of SCL.
thddi
00.9
µs
SDA output hold time from SCL falling
thddo
0.2
0.9
µs
SDA setup time to SCL rising
tsud
100
—
ns
Rise time of SCL and SDA
trc
—
300
ns
Fall time SCL and SDA
tfc
—
300
ns
Setup time for stop condition
tsusp
0.6
—
µs
Bus free time between transmissions
tbuf
1.3
—
µs
SDA bus capacitance
CL
—
400
pF
SDA pull-up resistance
Rp
500
—
SLOTx:LSB+1
SCLK
Device 0: SDOUT
tHOLD2
SLOTx:LSB
SLOTx:MSB
SLOTx:MSB -1
SLOTx:MSB -2
Output Not Driven (Hi-Z)
Output Not Driven (Hi-Z)
t buf
t hdst
t hdst
t
low
t r
t f
t
hdd
t high
t sud
tsust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
t irs
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com