Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
DS992F2
CS53L30
5.5 MCLK Jitter
5.5 MCLK Jitter
The following analog and digital specifications listed in Section 3 are affected by MCLK jitter:
• INx-to-x_SDOUT THD+N
The effect of MCLK jitter on THD+N is due to sampling at an unintended time, resulting in sample error. The resulting
sample error is a function of the time error as a result of MCLK jitter and of the slope of the signal being sampled or
reconstructed. To achieve the specified THD+N characteristics listed in Section 3, the MCLK jitter should not exceed 1 ns
peak-to-peak. The absolute jitter of a standard crystal oscillator is typically below 100-ps peak-to-peak and should meet
the previously stated requirements.
5.6 Frequency Response Considerations
The ADC and SRC combined response referred to in Table 3-3 shows the response from the capture-path inputs to the
serial port outputs. This path includes two contributions to the frequency response of the CS53L30:
• ADC data path
• Synchronous SRC data path
The internal sample rate (Fsint) of the CS53L30 is determined by MCLK, INTERNAL_FS_RATIO, MCLK_19MHZ_EN, and
MCLK_INT_SCALE (see Table 4-2). The external sample rate (Fsext) is set by ASP_RATE. When the Fsint and the Fsext
are equal, the combined response of the ADC and the SRC has a lower –3-dB corner frequency than either would have
alone. When Fsext is lower than Fsint, the frequency response of the SRC dominates; as a result, the combined frequency
response has a higher –3 dB corner frequency than if Fsint and Fsext were equal.
5.7 Connecting Unused Pins
Unused pins may be terminated or left unconnected, according to the recommendations in the following sections.
5.7.1
Analog Inputs
Unused differential analog input pin pairs (INx+ and INx-) may be left unconnected or tied directly to ground. If the pins are
left unconnected, the input bias should be configured as weak pull-down (INxy_BIAS = 01). If the pins are tied directly to
ground, the input bias should be configured as open (INxy_BIAS = 00) or weak pull-down (INxy_BIAS = 01). To minimize
power consumption, the ADC associated with an unused differential input pin pair may be powered down.
When using single-ended inputs, the INx- pin must be tied to ground through a DC-blocking capacitor as shown in Fig. 4-7.
The same capacitor value should be used on both pins of the input pair (INx+ and INx-). Tying the INx- pin directly to
ground may cause unexpected frequency response or distortion performance.
5.7.2
DMIC inputs
When the input channel type is set to digital, the input bias should be configured as weak pull-down (INxy_BIAS = 01) for
all used and unused channels. Unused input pins may be left unconnected or tied directly to ground. The FILT+ pin may
be left unconnected.
5.7.3
Mic Bias
Unused mic bias output pins (MICx_BIAS) may be left unconnected. If unconnected, the mic bias should be powered down
(MICx_BIAS_PDN = 1). If none of the mic bias outputs are used, the mic bias filter pin (MIC_BIAS_FILT) may also be left
unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com