Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
14
DS992F2
CS53L30
3 Characteristics and Specifications
Table 3-10. Switching Specifications—Digital Mic Interface
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0 V; voltages are with respect to ground;
parameters can vary with VA, typical performance data taken with VA = 1.8 V, VP = 3.6 V, min/max performance data taken with VA = 1.8 V, VP = 3.6 V;
TA = +25°C; logic 0 = ground, logic 1 = VA; DMIC_DRIVE = 0 (normal); input timings are measured at VIL and VIH thresholds, and output timings are
measured at VOL and VOH thresholds (see Table 3-14).
Parameters 1,2
1.Digital mic interface timing
2.Oversampling rate of the digital mic must match the oversampling rate of the CS53L30 internal decimators.
Symbol
Min
Max
Units
Output clock (DMICx_SCLK) frequency
1/tP
—3.2[3]
3.The output clock frequency follows the internal MCLK rate divided by 2 or 4, as set in the ADCx/DMICx control registers (see DMIC1_SCLK_DIV on
p. 53 and DMIC2_SCLK_DIV on p. 55). DMICx_SCLK is further divided by up to a factor of 4 when MCLK_INT_SCALE is set (see p. 48). MCLK
source deviation from nominal supported rates is applied directly to the output clock rate by the same factor (e.g., a +100-ppm offset in the frequency
of MCLK becomes a +100-ppm offset of DMICx_SCLK.
MHz
DMICx_SCLK duty cycle4
—45
55
%
DMICx_SCLK rise time (10% to 90% of VA) 4
4.Timing guaranteed with pull-up or pull-down resistor, with a minimum value 10 k
tied to DMIC2_SCLK/AD1 for I2C address determination.
tr
—21
ns
DMICx_SCLK fall time (90% to 10% of VA) 4
tf
—13
ns
DMICx_SD setup time before DMICx_SCLK rising edge
ts(SD-CLKR)
10
—
ns
DMICx_SD hold time after DMICx_SCLK rising edge
th(CLKR-SD)
4—
ns
DMICx_SD setup time before DMICx_SCLK falling edge
ts(SD-CLKF)
10
—
ns
DMICx_SD hold time after DMICx_SCLK falling edge
th(CLKF-SD)
4—
ns
Table 3-11. Specifications—I2S
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0 V; all voltages are with respect to ground;
parameters can vary with VA; typical performance data taken with VA = 1.8 V, VP = 3.6 V; min/max performance data taken with VA = 1.8 V, VP = 3.6 V;
TA = +25°C; Test load for ASP_LRCK/FSYNC, ASP_SCLK, and ASP_SDOUTx CL = 60 pF; logic 0 = ground, logic 1 = VA; ASPx_DRIVE = 0; input
timings are measured at VIL and VIH thresholds, and output timings are measured at VOL and VOH thresholds (see Table 3-14).
Parameters 1,2
1.Serial port
interface timing
2.MCLK must be stable before powering up the device. In Slave Mode, ASP_LRCK/FSYNC and ASP_SCLK must be stable before powering up the
device. Before making changes to any clock setting, the device must be powered down by setting either the PDN_ULP or PDN_LP bit.
Symbol
Min
Max
Units
MCLK frequency
—
1.024
19.2
MHz
MCLK duty cycle
—
45
55
%
Slave mode
Input sample rate (LRCK)
Fs
(See Table 4-2)kHz
LRCK duty cycle
—
45
55
%
SCLK frequency
1/tPs
—
64•Fsext
Hz
SCLK duty cycle
—
45
55
%
SCLK rising edge to LRCK edge
ths(LK-SK)
10
—
ns
LRCK setup time before SCLK rising edge
tss(LK-SK)
40
—
ns
SDOUT setup time before SCLK rising edge
tss(SDO-SK)
20
—
ns
SDOUT hold time after SCLK rising edge
ths(SK-SDO)
30
—
ns
Master mode Output sample rate (LRCK) All speed modes
Fsext
(See Table 4-2)kHz
LRCK duty cycle
—
45
55
%
SCLK frequency
1/tPm
—
64•Fsext
Hz
SCLK duty cycle
—
33
67
%
LRCK time before SCLK falling edge
tsm(LK-SK)
–2
+2
ns
SDOUT setup time before SCLK rising edge
tsm(SDO-SK)
20
—
ns
SDOUT hold time after SCLK rising edge
thm(SK-SDO)
30
—
ns
DMIC_CLK
DMIC_SD
Left
(A, DATA1 )
Channel Data
Right
(B , DATA2)
Channel Data
Left
(A, DATA1)
Channel Data
thm(SK-SDO)
//
//
//
//
//
//
MSB
LRCK
SCLK
SDOUT
tPm
tsm(SDO-SK)
//
//
//
//
//
//
tsm(LK-SK)
ths(SK-SDO)
//
//
//
//
//
//
MSB
LRCK
SCLK
SDOUT
tss(LK-SK)
tP
tss(SDO-SK)
//
//
//
//
//
//
ths(LK-SK)
Serial Port Timing—Master Mode
Serial Port Timing—Slave Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com