Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
10
DS992F2
CS53L30
3 Characteristics and Specifications
Table 3-5. Analog-Input-to-Serial-Port Characteristics
Test conditions (unless otherwise specified): Fig. 2-1 shows CS53L30 connections; input is a full-scale 1-kHz sine wave; ADCx_PREAMP = +10 dB; ADCx_PGA_
VOL = 0 dB; GNDA = GNDD = 0; voltages are with respect to ground; parameters can vary with VA, typical performance data taken with VA = 1.8 V, VP = 3.6 V,
min/max performance data taken with VA = 1.8 V, VP = 3.6 V; TA = +25°C; measurement bandwidth is 20 Hz–20 kHz; LRCK = Fs = 48 kHz.
Parameters 1
1.Measures are referred to the applicable typical full-scale voltages. Applies to all THD+N and dynamic range values in the table.
Min
Typ
Max
Units
Dynamic range 2
2.INx dynamic range test configuration (pseudodifferential) Includes noise from MICx_BIAS
output (2.7-V setting) through a series 2.21-k
 resistor connected to INx. Input signal is –60 dB
down from the corresponding full-scale signal input voltage.
Preamp setting: Bypass, PGA setting: 0 dB
A-weighted
unweighted
87
85
93
91
—
—
dB
dB
Preamp setting: Bypass, PGA setting: +12 dB
A-weighted
unweighted
80
78
86
84
—
—
dB
dB
Preamp setting: +10 dB, PGA setting: 0 dB
A-weighted
unweighted
84
82
90
88
—
—
dB
dB
Preamp setting: +10 dB, PGA setting: +12 dB
A-weighted
unweighted
74
72
80
78
—
—
dB
dB
Preamp setting: +20 dB, PGA setting: 0 dB
A-weighted
unweighted
78
76
84
82
—
—
dB
dB
Preamp setting: +20 dB, PGA setting: +12 dB
A-weighted
unweighted
66
64
72
70
—
—
dB
dB
Total harmonic
distortion + noise 3
3.Input signal amplitude is relative to typical full-scale signal input voltage.
Preamp setting: Bypass, PGA setting: 0 dB
–1 dB
—
–84
–78
dB
Preamp setting: Bypass, PGA setting: +12 dB
–1 dB
—
–80
–74
dB
Preamp setting: +10 dB, PGA setting: 0 dB
–1 dB
—
–76
–70
dB
Preamp setting: +10 dB, PGA setting: +12 dB
–1 dB
—
–63
–57
dB
Preamp setting: +20 dB, PGA setting: 0 dB
–1 dB
—
–70
–64
dB
Preamp setting: +20 dB, PGA setting: +12 dB
–1 dB
—
–62
–56
dB
Common-mode rejection 4
4.INx CMRR test configuration
—70
—
dB
DC accuracy
Interchannel gain mismatch 5
5.Measurements taken at all defined full-scale signal input voltages.
—±0.2—
dB
Gain drift 5
—
±100
—
ppm/°C
PGA A/B gain
GMIN
GMAX
G
–6.25
11.75
0.375
–6
12
0.5
–5.75
12.25
0.625
dB
dB
dB
Preamp A/B gain
GMIN
GMAX
9.5
19.9
10
20
10.5
20.5
dB
dB
Offset error 6
6.SDOUT code with ADC_HPF_EN = 1, DIG_BOOSTx = 0. The offset is added at the ADC output; if two ADC sources are mixed, their offsets add.
—
128
—LSB
Phase accuracy
Multichip interchannel phase mismatch 7
7.Measured between two CS53L30 chips with input pairs IN1 selected and driven from same source with an MCLK of 19.2 MHz, 16-kHz sample rate,
and 8-kHz full-scale sine wave with preamp gain of +20 dB and PGA gain of +12 dB.
—
0.5
—
°
Interchannel phase mismatch 8
8.Measured between input pairs (IN1 to INx, IN2 to INx, IN3 to INx, IN4 to INx) with +20 dB preamp gain and +12 dB PGA gain.
—
0.5
—
°
Input
Interchannel isolation 8
217 Hz
1kHz
20 kHz
—
—
—
90
90
80
—
—
—
dB
dB
dB
Full-scale signal
input voltage 9
9.ADC full-scale input voltage is measured between INx+ and INx– with the preamp set to bypass and the PGA set to 0-dB gain. Maximum input signal
level for INx depends on the preamp and PGA gain settings described in Section 5.4.1. The digital output level corresponding to ADC full-scale input
is less than 0 dBFS due to signal attenuation through the SRC; see Table 4-4.
Preamp setting: 0 dB, PGA setting: 0 dB
Preamp setting: +10 dB, PGA setting: 0 dB
Preamp setting: +10 dB, PGA setting: +12 dB
Preamp setting: +20 dB, PGA setting: 0 dB
Preamp setting: +20 dB, PGA setting: +12 dB
0.78•VA
—
—
—
—
0.82•VA
0.258•VA
0.064•VA
0.081•VA
0.020•VA
0.88•VA
—
—
—
—
Vpp
Vpp
Vpp
Vpp
Vpp
Input impedance 10
10.Measured between INx+ and INx–.
Preamp setting: 0 dB
Preamp setting: +10 or +20 dB;
45
0.9
50
1
—
—
k
M
DC voltage at INx
(pin floating) 11,12
11.INx pins are biased as specified when weak VCM is selected in the input bias control registers; see Section 7.19 and Section 7.20.
12.Changing gain settings to Bypass Mode may cause audible artifacts due to the difference in DC operating points between modes.
Preamp setting: Bypass
ADCx_PDN = 0
ADCx_PDN = 1
—
—
0.42•VA
0.50•VA
—
—
V
V
Preamp setting: +10 dB or +20 dB
ADCx_PDN = 0
ADCx_PDN = 1
—
—
0.39•VA
0.50•VA
—
—
V
V
–60 dB,
1 kHz
INx+
INx–
MICx_BIAS
2.21 k
2.21 k
0.1 µF
0.1 µF
100 mVPP, 25 Hz
0.1 µF
INx+
INx–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com