Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 59Page - Cirrus Logic CS53L30 Datasheet HTML 60Page - Cirrus Logic CS53L30 Datasheet HTML 61Page - Cirrus Logic CS53L30 Datasheet HTML 62Page - Cirrus Logic CS53L30 Datasheet HTML 63Page - Cirrus Logic CS53L30 Datasheet HTML 64Page - Cirrus Logic CS53L30 Datasheet HTML 65Page - Cirrus Logic CS53L30 Datasheet HTML 66Page - Cirrus Logic CS53L30 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
64
DS992F2
CS53L30
9.4 FFTs
Figure 9-28. FFT, 1 kHz, –1 dBFS, Preamp Setting: +10 dB,
PGA Setting: 0 dB, Fsint = Fsext = 48 kHz
Figure 9-29. FFT, 1 kHz, –1 dBFS, Preamp Setting: +10 dB,
PGA Setting: +12 dB, Fsint = Fsext = 48 kHz
Figure 9-30. FFT, 1 kHz, –1 dBFS, Preamp Setting: +20 dB,
PGA Setting: 0 dB, Fsint = Fsext = 48 kHz
Figure 9-31. FFT, 1 kHz, –1 dBFS, Preamp Setting: +20 dB,
PGA Setting: +12 dB, Fsint = Fsext = 48 kHz
Figure 9-32. FFT, No Input, Preamp Setting: 0 dB,
PGA Setting: 0 dB, Fsint = Fsext = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com