Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic CS53L30 Datasheet HTML 52Page - Cirrus Logic CS53L30 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
DS992F2
49
CS53L30
7.8 Mic Bias Control
7.8 Mic Bias Control
Address 0x0A
R/W
7
654
32
10
MIC4_BIAS_PDN MIC3_BIAS_PDN MIC2_BIAS_PDN MIC1_BIAS_PDN
—
VP_MIN
MIC_BIAS_CTRL[1:0]
Default
1
111
01
00
Bits
Name
Description
7, 6,
5, 4
MICx_
BIAS_
PDN
Mic x bias power down
0 Mic x bias driver is powered up and its drive value is set by MIC_BIAS_CTRL.
1 (Default) Mic x bias driver is powered down and the driver is Hi-Z.
3—
Reserved
2
VP_MIN VP supply minimum voltage setting. Configures the internal circuitry to accept the VP supply with the specified minimum value.
These settings also affect PSRR; see Table 3-7.
0 3.0 V. Optimizes VP PSRR performance if the minimum VP supply is expected to fall below 3.2 V.
1 (Default) 3.2 V. Optimizes VP PSRR if VP is at least 3.2 V.
1:0
MIC_
BIAS_
CTRL
MICx bias output voltage control. Sets nominal MICx_BIAS output voltage. Table 3-6 lists actual voltages. To avoid long
ramp-up times between 1.8- and 2.7-V settings, change to the Hi-Z setting before the final setting.
00 (Default) Hi-Z
01 1.80 V
10 2.75 V
11 Reserved
7.9 ASP Configuration Control
Address 0x0C
R/W
76
5
4
3210
ASP_M/S
ASP_SCLK_INV
ASP_RATE[3:0]
Default
000
0
1100
Bits
Name
Description
7ASP_M/S ASP Master/Slave Mode. Configures the clock source (direction) for both ASPs.
0 (Default) Slave (input)
1 Master (output). When enabling Master Mode, ASP_RATE must be set to a valid setting defined in Section 4.6.5.
6:5
—
Reserved
4ASP_
SCLK_INV
ASP_SCLK polarity. Configures the polarity of the ASP_SCLK signal.
0 (Default) Not inverted
1 Inverted
3:0 ASP_RATE ASP clock control dividers. Together with the INTERNAL_FS_RATIO bit, provides divide ratios for ASP clock timings.
Section 4.6.5 lists settings.
1100 (Default) 48 kHz
7.10 ASP Control 1
Address 0x0D
R/W
76
5
4
3
2
1
0
ASP_TDM_PDN ASP_SDOUT1_PDN
ASP_3ST
SHIFT_LEFT
—
ASP_SDOUT1_DRIVE
Default
1
0
0
0
0
0
0
0
Bits
Name
Description
7ASP_
TDM_
PDN
ASP TDM Mode power down. Configures the power state of TDM Mode.
0TDM Mode
1 (Default) I2S Mode
6
ASP_
SDOUT1_
PDN
ASP_SDOUT1 output path power down. Configures the ASP_SDOUT1 path power state for I2S Mode (ASP_TDM_PDN = 1).
0 (Default) Powered up
1 Powered down, ASP_SDOUT1 is Hi-Z. Setting this bit does not tristate the serial port clock. If ASP_TDM_PDN is
cleared, setting this bit does not affect ASP_SDOUT1.
5
ASP_3ST ASP output path tristate. Determines the state of the ASP drivers.
Slave Mode (ASP_M/S = 0)
0 (Default) Serial port clocks are inputs and ASP_SDOUTx is output
1 Serial port clocks are inputs and ASP_SDOUTx is Hi-Z
Master Mode (ASP_M/S = 1)
Serial port clocks and ASP_SDOUTx are outputs
Serial port clocks and ASP_SDOUTx are Hi-Z
4SHIFT_
LEFT
TDM first bit of frame shift 1/2 SCLK left. Configures the start offset of data after rising edge of FSYNC.
0 (Default) No Shift. Data output on second rising edge of SCLK after rising edge of FSYNC (see Table 3-12).
1 1/2 SCLK shift left. Data output 1/2 SCLK cycle earlier (see Table 3-12).
3:1
—
Reserved
0
ASP_
SDOUT1_
DRIVE
ASP_SDOUT1 output drive strength. Table 3-14 describes drive-strength specifications.
0 (Default) Normal
1 Decreased



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com