Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 3Page - Cirrus Logic CS53L30 Datasheet HTML 4Page - Cirrus Logic CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
DS992F2
7
CS53L30
2 Typical Connection Diagram
2 Typical Connection Diagram
Figure 2-1. Typical Connection Diagram—Analog Microphone Connections
DMIC2_SCLK/
AD1
C1
30
VA
I/O Digital MIC Interface 2 Serial Clock/
Address Select. High speed clock output
to the digital mics. Along with ASP_
SDOUT2/AD0, immediately sets the I2C
address when RESET is deasserted.
Default is 0.
Weak
pulldown
CMOS
output
—Hi-Z
MUTE
E6
16
VA
I Mute. Asserting this pin mutes all four
channels. Also can be programmed to
power down modules as configured in the
MUTE pin control registers.
Weak
pulldown
—
Hysteresis
on CMOS
input
—
VA
A5
7
21
N/A
I Analog/Digital Power. Power supply for
analog circuitry and digital circuitry via
internal LDO.
——
—
—
VP
B6
10
N/A
I Analog Power. Power supply for mic
bias.
——
—
—
GNDA
B5
8
N/A
I Analog Ground. Ground reference.
—
—
—
—
GNDD
E4
20
N/A
I Digital Ground. Ground reference.
—
—
—
—
Table 1-1. Pin Descriptions (Cont.)
Name
Ball
#
Pin
#
Power
Supply
I/O
Description
Internal
Connection
Driver
Receiver
State at
Reset
Power
CS53L30
GNDD
GNDA
DMIC1_SCLK
MIC1_BIAS
IN1–
IN1+
MIC2_BIAS
IN2–
IN2+
MIC3_BIAS
IN3–
IN3+
MIC4_BIAS
IN4–
IN4+
Analog Microphone Connection
Two-wire microphone connection
Rbias
Ground Ring
MICx_BIAS
INx+
INx–
Three-wire microphone connection
Ground Ring
MICx_BIAS
INx+
INx–
1 µF
CINM
CINM
Analog
Microphone
(see
connection
diagram)
1 µF
CINM
CINM
Analog
Microphone
(see
connection
diagram)
1 µF
CINM
CINM
Analog
Microphone
(see
connection
diagram)
1 µF
CINM
CINM
Analog
Microphone
(see
connection
diagram)
MIC_BIAS_FILT
*
4.7 µF
SYNC
SCL
SDA
SoC
VA
0.1 µF
RP
*
RP
+1.8 V
+1.8 V
VP
0.1 µF
*
+3.6 V
FILT+
2.2 µF
*
PMU
ASP_LRCK/FSYNC
ASP_SCLK
ASP_SDOUT2/AD0
ASP_SDOUT1
MCLK
RESET
MUTE
RP_I
Key for Capacitor Types Required:
*
Use low ESR, X7R/X5R capacitors
All External Passive Component Values Shown Are Nominal Values
.
DMIC2_SCLK/AD1
INT
Note 1
Note 3
Note 1
Note 3
Note 2
Note 2
Note 5
Note 4
Note 4
Note 7
Note 7
Note 2
Note 1
Note 3
Note 2
Note 1
Note 3
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com