Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic CS53L30 Datasheet HTML 20Page - Cirrus Logic CS53L30 Datasheet HTML 21Page - Cirrus Logic CS53L30 Datasheet HTML 22Page - Cirrus Logic CS53L30 Datasheet HTML 23Page - Cirrus Logic CS53L30 Datasheet HTML 24Page - Cirrus Logic CS53L30 Datasheet HTML 25Page - Cirrus Logic CS53L30 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
22
DS992F2
CS53L30
4.4 Capture-Path Inputs
Figure 4-6. Fully Differential Mic Input Connections Example
Fig. 4-7 shows the IN1–IN4 interfaces and the related pseudodifferential connections recommended to achieve the best
common-mode rejection for single-ended internal mics.
Figure 4-7. Pseudodifferential Mic Input Connections Example
Board
Chip
MIC_BIAS_FILT
VP
IN1–
MIC1_BIAS
IN1+
CINM
CINM
Analog
Differential
Microphone
1.0 µF
4.7 µF
GNDA
n
Board
Chip
GNDA
MIC_BIAS_FILT
VP
IN1+
IN1–
MIC1_BIAS
CINM
CINM
1.0 µF
4.7 µF
CINM
CINM
1.0 µF
CINM
CINM
1.0 µF
CINM
CINM
1.0 µF
IN2+
IN2–
MIC2_BIAS
IN3+
IN3–
MIC3_BIAS
IN4+
IN4–
MIC4_BIAS
Board ground connection made
local to the microphone cartridge.
Board ground connection made
local to the microphone cartridge.
Board ground connection made
local to the microphone cartridge.
Board ground connection made
local to the microphone cartridge.
Analog
Microphone
(see
connection
diagram)
Analog
Microphone
(see
connection
diagram)
Analog
Microphone
(see
connection
diagram)
Analog
Microphone
(see
connection
diagram)
Analog Microphone Connection
Two-wire microphone connection
Rbias
Ground Ring
MICx_BIAS
INx+
INx–
Three-wire microphone connection
Ground Ring
MICx_BIAS
INx+
INx–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com