Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic CS53L30 Datasheet HTML 20Page - Cirrus Logic CS53L30 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
DS992F2
17
CS53L30
3 Characteristics and Specifications
Table 3-14. Digital Interface Specifications and Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0 V; all voltages are with respect to ground;
VA =1.8 V, VP = 3.6 V; TA = +25°C
Parameters 1
1.See Table 1-1 for serial and control port power rails.
Symbol
Min
Max
Units
Input leakage current 2
2.Specification is per pin. Includes current through internal pull-down resistors on serial port.
MCLK, SYNC, MUTE, all serial port inputs
All control port inputs, INT, RESET
Iin
—
—
±4000
±100
nA
nA
Internal weak pulldown
—
550
2450
k
Input capacitance 2
——
10
pF
INT current sink (VOL = 0.3 V max)
—
825
—
µA
High-level output voltage 3
3.IOH = –100 µA for x_DRIVE = 0; IOH = –67 µA for x_DRIVE = 1
VOH
VA – 0.2
—
V
Low-level output voltage 4
4.IOL = 100 µA for x_DRIVE = 0; IOL = 67 µA for x_DRIVE = 1
VOL
—0.2
V
High-level input voltage
VIH
0.70•VA
—
V
Low-level input voltage
VIL
—0.30•VA
V
Table 3-15. Thermal Overload Detection Characteristics
Test conditions (unless otherwise specified): GNDA = GNDD = 0; all voltages are with respect to ground; VA = 1.8 V, VP = 3.6 V.
Parameters
Min
Typ
Max
Units
Thermal overload detection threshold
—
150
—
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com