Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 21Page - Cirrus Logic CS53L30 Datasheet HTML 22Page - Cirrus Logic CS53L30 Datasheet HTML 23Page - Cirrus Logic CS53L30 Datasheet HTML 24Page - Cirrus Logic CS53L30 Datasheet HTML 25Page - Cirrus Logic CS53L30 Datasheet HTML 26Page - Cirrus Logic CS53L30 Datasheet HTML 27Page - Cirrus Logic CS53L30 Datasheet HTML 28Page - Cirrus Logic CS53L30 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
DS992F2
25
CS53L30
4.6 Serial Ports
4.6 Serial Ports
The CS53L30 has a highly configurable serial port to communicate audio and voice data to and from other devices in the
system such as application processors and Bluetooth™ transceivers.
4.6.1
I/O
The serial port interface consists of four signals:
• ASP_SCLK. Serial data shift clock
• ASP_LRCK/FSYNC. Left/right (I2S) or frame sync clock (TDM)
• LRCK identifies the start of each serialized data word and locates the left and right channels within the data word
when I2S format is used (see Section 4.6.6).
• FSYNC identifies the start of each TDM frame.
• Toggles at external sample rate (Fsext).
• ASP_SDOUTx. Serial data outputs
4.6.2
Serial Port Power-Up, Power-Down, and Tristate
The ASP has separate power-down and tristate controls for its output data paths. The serial port power, tristate, and TDM
control is done through ASP_3ST, ASP_TDM_PDN, and the respective ASP_SDOUTx_PDN bit. Separating power state
controls helps minimize power consumption when the output port is not in use.
• ASP_SDOUTx_PDN. If the SDOUT functionality of a serial port is not required, the SDOUT data path can be
powered down by setting ASP_SDOUTx_PDN. The ASP_SDOUTx pin is Hi-Z when ASP_SDOUTx_PDN is set; it
does not tristate the serial port clock.
• ASP_3ST. See Section 4.6.3 for details.
• ASP_TDM_PDN. When ASP_TDM_PDN = 1, the ASP serial port is configured to operate in I2S Mode. When ASP_
TDM_PDN = 0, ASP is configured to operate in TDM Mode and ASP_SDOUT2 is Hi-Z.
To facilitate clock mastering in TDM Mode, while not sending data, ASP_TDM_PDN and all ASP_TX_ENABLEy
bits must be cleared to prevent wasting power to drive the output nets. To save power when no TDM TX slots are
used, ASP_SDOUT1 is automatically tristated.
Master/slave operation is controlled only by the M/S bit setting and is done irrespective of the setting of the ASP_SDOUTx_
PDN, and ASP_3ST bits.
6.1440
0
X
2
3.0720
0
41.5360
1
1
8, 11.025,
12
20.7680
0
40.3840
1
16, 22.050,
24
21.5360
0
40.7680
1
32, 44.1, 48
2
3.0720
0
41.5360
1
6.4000
0
X
2
3.2000
0
41.6000
1
1
8, 11.025,
12
20.8000
0
40.4000
1
16, 22.050,
24
21.6000
0
40.8000
1
32, 44.1, 48
2
3.2000
0
41.6000
1
1.An X indicates that the sample rate setting does not affect DMICx_SCLK rate.
Table 4-1. Digital Mic Interface Clock Generation (Cont.)
Post-MCLK_DIV MCLK Rate
(MHz)
MCLK_INT_
SCALE
ASP_RATE
(kHz) 1
Divide
Ratio
DMICx_SCLK Rate
(MHz)
DMICx_SCLK_DIV
Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com