Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 2Page - Cirrus Logic CS53L30 Datasheet HTML 3Page - Cirrus Logic CS53L30 Datasheet HTML 4Page - Cirrus Logic CS53L30 Datasheet HTML 5Page - Cirrus Logic CS53L30 Datasheet HTML 6Page - Cirrus Logic CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
DS992F2
CS53L30
1.3 Pin Descriptions
MIC_BIAS_FILT
D6
15
VP
I Microphone Bias Voltage Filter. Filter
connection for the internal quiescent
voltage used for the MICx_BIAS outputs.
——
—
—
FILT+
A6
9
VA
O Positive Reference Filter. Positive
reference voltage filter for internal
sampling circuits.
——
—
—
MIC1_BIAS
MIC2_BIAS
MIC3_BIAS
MIC4_BIAS
C4
C5
C6
D5
11
12
13
14
VP
O Microphone Bias Voltage. Low-noise
bias supply for an external mic.
——
—
Hi-Z
INT
—17
VA
O Interrupt. Outgoing interrupt signal
generated upon registering an error
(fault).
—CMOS
open-drain
output
—Hi-Z
RESET
E5
18
VA
I Reset. The device enters a low power
mode when this pin is driven low.
—
—
Hysteresis
on CMOS
input
—
SYNC
D4
19
VA
I/O Multidevice Synchronization Signal.
Synchronization output when SYNC_EN
is set, otherwise it is a synchronization
input. Defaults to input.
Weak
pulldown
CMOS
output
Hysteresis
on CMOS
input
Hi-Z
SCL
D3
24
VA
I Serial Control Port Clock. Serial clock
for the I2C port.
—
—
Hysteresis
on CMOS
input
—
SDA
E2
25
VA
I/O Serial Control Data. Bidirectional data
pin for the I2C port.
—CMOS
open-drain
output
Hysteresis
on CMOS
input
—
MCLK
E1
26
VA
I Master Clock. Clock source for device’s
core.
Weak
pulldown
—
Hysteresis
on CMOS
input
—
ASP_SCLK
D2
27
VA
I/O Audio Serial Clock. Audio bit clock. Input
in Slave Mode, output in Master Mode.
Weak
pulldown
CMOS
output
Hysteresis
on CMOS
input
Hi-Z
ASP_LRCK/
FSYNC
C3
22
VA
I/O Audio Left/Right Clock/Frame SYNC.
Identifies the start of each serialized PCM
data word and indicates the active
channel on each serial PCM audio data
line. Input in Slave Mode, output in Master
Mode.
Weak
pulldown
CMOS
output
Hysteresis
on CMOS
input
Hi-Z
ASP_SDOUT1
D1
28
VA
O Audio Data Output. Output for the two’s
complement serial PCM data. Channels 1
and 2 are output in I2S Mode, while all four
channels of data are output on this single
pin in TDM Mode.
Weak
pulldown
Tristateable
CMOS
output
—Hi-Z
ASP_SDOUT2/
AD0
E3
23
VA
I/O Audio Data Output/Address Select.
Output for the two’s-complement serial
PCM data. Channels 3 and 4 are output in
I2S Mode. Along with DMIC2_SCLK/AD1,
immediately sets the I2C address when
RESET is deasserted. Default is 0.
Weak
pulldown
Tristateable
CMOS
output
—Hi-Z
DMIC1_SCLK
C2
29
VA
O Digital MIC Interface 1 Serial Clock.
High speed clock output to the digital
mics.
Weak
pulldown
CMOS
output
—Hi-Z
Table 1-1. Pin Descriptions (Cont.)
Name
Ball
#
Pin
#
Power
Supply
I/O
Description
Internal
Connection
Driver
Receiver
State at
Reset
Filter pins
Analog Outputs
Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com