Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 7Page - Cirrus Logic CS53L30 Datasheet HTML 8Page - Cirrus Logic CS53L30 Datasheet HTML 9Page - Cirrus Logic CS53L30 Datasheet HTML 10Page - Cirrus Logic CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
DS992F2
11
CS53L30
3 Characteristics and Specifications
Table 3-6. MIC BIAS Characteristics
Test conditions (unless otherwise specified): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0; all voltages are with respect to ground; VA =
1.8 V, VP = 3.6 V, TA = +25°C; only one bias output is powered up at a time; MCLK_INT_SCALE = 0.
Parameters
Min
Typ
Max
Units
Output voltage 1
1.The output voltage includes attenuation due to the MIC BIAS output resistance (ROUT).
MIC_BIAS_CTRL = 01 (1.8-V mode)
MIC_BIAS_CTRL = 10 (2.7-V mode)
1.71
2.61
1.80
2.75
1.89
2.86
V
V
Mic bias startup delay 2
2.Startup delay times are approximate and vary with MCLKINT frequency. If MCLK_INT_SCALE = 1, the startup delay time is scaled up by the MCLKINT
scaling factor. The MCLKINT scaling factor is 1, 2, or 4, depending on FsEXT. See Table 4-2.
—10—
ms
Rise time 3
3.From 10% to 90% of typical output voltage. External capacitor on MICx_BIAS is as shown in Fig. 2-1.
IOUT = 500 µA, MIC_BIAS_CTRL = 01 (1.8-V mode)
IOUT = 500 µA, MIC_BIAS_CTRL = 10 (2.7-V mode)
IOUT = 2 mA
—
—
—
0.2
0.5
—
—
—
3
ms
ms
ms
DC output current (IOUT)
Per output
—
—
2
mA
Integrated output noise
f = 100 Hz–20 kHz
—
3
—
µVrms
Dropout voltage 4
4.Dropout voltage indicates the point where an output’s voltage starts to vary significantly with reductions to its supply voltage. When the VP supply
voltage drops below the programmed MICx_BIAS output voltage plus the dropout voltage, the MICx_BIAS output voltage progressively decreases as
its supply decreases.
Dropout voltage is measured by reducing the VP supply until MICx_BIAS drops 10 mV from its initial voltage with the default typical test condition VP
voltage (= 3.6 V, as in test conditions listed above). The difference between the VP supply voltage and the MICx_BIAS voltage at this point is the
dropout voltage. For instance, if the initial MICx_BIAS output is 2.86 V when VP = 3.6 V and VP = 3.19 V when MICx_BIAS drops to 2.85 V (–10 mV),
the dropout voltage is 340 mV (3.19 V – 2.85 V).
—
—
340
mV
PSRR reduction voltage 5
5.PSRR voltage indicates the point where an output’s supply PSRR starts to degrade significantly with supply voltage reductions. When the VP supply
voltage drops below the programmed MICx_BIAS output voltage plus the PSRR reduction voltage, the MICx_BIAS output’s PSRR progressively
decreases as its supply decreases.
PSRR reduction voltage is measured by reducing the VP supply until MICx_BIAS PSRR @ 217 Hz falls below 100 dB. The difference between the
VP supply voltage and the MICx_BIAS voltage at this point is the PSRR reduction voltage. For instance, if the MICx_BIAS PSRR falls to 99.9 dB
when VP is reduced to 3.25 V and the MICx_BIAS output voltage is 2.75 V at that point, PSRR reduction voltage is 500 mV (3.25 V – 2.75 V).
—
—
500
mV
Output resistance (ROUT)
IOUT = 2-mA
—
30
—
Table 3-7. Power-Supply Rejection Ratio (PSRR) Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; input test signal held low (all zero data); GNDA = GNDD = 0; voltages
are with respect to ground; VA = 1.8 V, VP = 3.6 V; TA = +25°C.
Parameters 1
1.PSRR test
configuration:
Typical PSRR
can vary by
approximately
6 dB below the
indicated
values.
Min
Typical
Max
Units
INx (32-dB analog gain)
PSRR with 100-mVpp signal AC coupled to VA supply
217 Hz
1kHz
20 kHz
—
—
—
70
70
55
—
—
—
dB
dB
dB
MICx_BIAS (MICx_BIAS = 2.7-V mode, IOUT = 500 µA)
PSRR with 100 mVpp signal AC coupled to VA supply
VP_MIN = 0 (3.0 V)
217 Hz
1kHz
20 kHz
—
—
—
105
100
95
—
—
—
dB
dB
dB
MICx_BIAS (MICx_BIAS = 2.7-V mode, IOUT = 500 µA)
PSRR with 100 mVpp signal AC coupled to VA supply
VP_MIN = 1 (3.2 V)
217 Hz
1kHz
20 kHz
—
—
—
105
100
95
—
—
—
dB
dB
dB
MICx_BIAS (MICx_BIAS = 2.7-V mode, IOUT = 500 µA)
PSRR with 100 mVpp signal AC coupled to VP supply
VP_MIN = 0 (3.0 V)
217 Hz
1kHz
20 kHz
—
—
—
90
90
70
—
—
—
dB
dB
dB
MICx_BIAS (MICx_BIAS = 2.7-V mode, IOUT = 500 µA)
PSRR with 1 Vpp signal AC coupled to VP supply
VP_MIN = 1 (3.2 V)
217 Hz
1kHz
20 kHz
—
—
—
120
115
105
—
—
—
dB
dB
dB
Operational
Amplifier
OUT
GND
Power DAC
OUT
GND
PWR
DUT
+5V
+5V
+
+–
–
+
–
OUT
Analog Generator
Analog Analyzer
Analog Test Equipment
Analog Output PSRR
Operational
Amplifier
OUT
GND
Power DAC
SDOUT
GND
PWR
DUT
+5V
+5V
+
–
+
–
OUT
Analog Generator
Analog Analyzer
Test Equipment
Digital Output PSRR
Digital Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com