Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 39Page - Cirrus Logic CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
DS992F2
43
CS53L30
5.4 Capture-Path Inputs
Figure 5-2. Differential Analog Input Signal to IN±, with Protection Diodes Shown
Figure 5-3. Differential Analog Input Signal to IN±, Voltage-Level Details Shown
As shown in Fig. 5-2, it is worth noting that a differential analog signal of 4•Vx VPP actually delivers a 2•Vx VPP signal
centered around VA/2 at each of the analog pin pairs. Thus, the signal peak (at the pin) of Vx + VA/2 should not exceed
VA + 0.3 V; the signal trough of –Vx + VA/2 (at the pin) should not be lower than GNDA – 0.3 V.
Although it is safe to use an input signal with resulting peak up to VA + 0.3 V and trough of GNDA – 0.3 V at the pin, signal
distortion at these maximum levels may be significant. This is caused by the onset of conduction of the protection diodes.
It is recommended that capture-path pin voltages stay between GNDA and VA to avoid signal distortion and clipping from
the slightly conductive state of protection diodes in the VA to VA + 0.3-V region and GNDA – 0.3-V to GNDA region.
5.4.1.2 ADC Fullscale Input Level
If the signal peaks are kept below the protection diode turn-on region per instructions in Section 5.4.1.1, the maximum
capture-path signal level becomes solely a function of the applied analog gain, with the ADC fullscale input level being
constant, hard limit for the path. Fig. 4-4 shows all analog gain blocks in the analog signal path in relation to the input pin
and ADC. All signals levels mentioned refer to differential signals in VPP.
For any given input pin pairs (INx±), the product of the signal level at those input pins and the total analog gain must be
less than the ADC fullscale input level, i.e.,
By rearranging terms, substituting register bit names for the analog gain stages, the following inequality is obtained:
The ADC fullscale input level is specified in Table 3-5. PREAMPx and PGAxVOL refer to the dB values set by the
respective register bits.
IN+
IN–
4Vx Vpp Differential signal
GNDA
+Vx
–Vx
GNDA
+Vx
–Vx
VA
GNDA
VA
GNDA
GNDA
GNDA
+Vx
–Vx
VA/2
Vx + VA/2
–Vx + VA/2
GNDA
GNDA
+Vx
–Vx
VA/2
Vx + VA/2
–Vx + VA/2
To IN+
To IN–
VA
VA + 0.3
GNDA – 0.3
VA
VA + 0.3
GNDA – 0.3
4Vx Vpp Differential signal
Input Signal Level
Preamp and PGA gain

ADC Fullscale Input Level
Input Signal Level 10
PREAMPx PGAxVOL
+
20
--------------------------------------------------------------------


–
0.82
 VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com