Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L30 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 34Page - Cirrus Logic CS53L30 Datasheet HTML 35Page - Cirrus Logic CS53L30 Datasheet HTML 36Page - Cirrus Logic CS53L30 Datasheet HTML 37Page - Cirrus Logic CS53L30 Datasheet HTML 38Page - Cirrus Logic CS53L30 Datasheet HTML 39Page - Cirrus Logic CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
38
DS992F2
CS53L30
5.1 Octal Microphone Array to the Audio Serial Port
5.1 Octal Microphone Array to the Audio Serial Port
Fig. 5-1 shows connections for an eight-channel mic array to serial port schematic configuration.
Figure 5-1. Octal Microphone Array Dual-CS53L30 Schematic
5.1.1
Phase-Calibration Considerations
The CS53L30 can be used in a multidevice application like the one shown in Fig. 5-1. In such a system, there are four
classifications of phase mismatch and they originate from various sources. Each class listed in Table 5-1 may contribute
to the overall phase error.
In this description, it is assumed that board components including the CS53L30 devices have been chosen or fixed. The
system board has been designed, placed, and routed, and thus all systematic phase mismatch due to the fabrication or
manufacturing of the chosen components is called “deterministic.” These systematic elements are time invariant for the
given set of components.
Table 5-1. Phase Mismatch Classifications
Type
Classification
Source
1
Deterministic, time invariant
• Manufacturing tolerances of chosen components
• Board temperature gradients
• Board layout and route
2
Deterministic, time varying
• Power-up sequencing
• LRCK chip-to-chip skew
3
Nondeterministic, time varying
• MCLK, LRCK/FSYNC jitter
• SRC initial conditions
4
Nondeterministic, time invariant • ADC sample aperture
Four-Channel Mic Connection
2.2 µF
*
2.2 µF
*
0.1 µF
*
0.1 µF
*
*
*
0.1 µF
0.1 µF
+1.8 V
+3.6 V
CS53L30
GNDD
GNDA
MIC1_BIAS
IN1+
MIC2_BIAS
MIC3_BIAS
IN4+
SCL
SDA
ASP_LRCK
ASP_SCLK
ASP_SDOUT1
ASP_SDOUT2/AD0
MCLK
VA
VP
MIC4_BIAS
FILT+
CS53L30
GNDD
GNDA
SCL
SDA
ASP_LRCK
ASP_SCLK
ASP_SDOUT1
MCLK
VA
VP
FILT+
Four-Channel
Mic
(see
Connection
Diagram)
Four-Channel
Mic
(see
Connection
Diagram)
SoC
SYNC
SYNC
ASP_SDOUT2/AD0
RP
+1.8 V
MUTE
RESET
MUTE
RESET
Rbias
Ground Ring
MIC4_BIAS
IN4+
IN4–
Rbias
Ground Ring
MIC1_BIAS
IN1+
IN1–
Rbias
Ground Ring
MIC2_BIAS
IN2+
IN2–
Rbias
Ground Ring
MIC3_BIAS
IN3+
IN3–
IN1–
IN2+
IN2–
IN3+
IN3–
IN4–
MIC1_BIAS
IN1+
MIC2_BIAS
MIC3_BIAS
IN4+
MIC4_BIAS
IN1-
IN2+
IN2-
IN3+
IN3-
IN4-
Note 1
1. Rp minimum value is 10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com