Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 44 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 40Page - STMicroelectronics UM2153 Datasheet HTML 41Page - STMicroelectronics UM2153 Datasheet HTML 42Page - STMicroelectronics UM2153 Datasheet HTML 43Page - STMicroelectronics UM2153 Datasheet HTML 44Page - STMicroelectronics UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Figure 24. STM32L475VG microcontroller
311
STM32L475 - 2/2
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project
Project:
Designed by DiZiC
STM_NRST
L1
FCM1608KF-601T03
VDDA
VDD_MCU
VBAT
VDD_MCU
VDD_MCU
C3
100nF
GND
GND
GND
GND
SB17
Close
C8
1uF
GND
VDD_MCU
SB13
Close
SB9
Open
C5
100nF
GND
VDD_MCU
GND
X1
Not Fitted (NX3225GD-8.00M)
VSS
10
VDD
11
VSSA
19
VREF+
21
VDDUSB
73
PH0/PF0-OSC_IN
12
PH1/PF1-OSC_OUT
13
NRST
14
BOOT0
94
VDDA
22
VDD
28
VDD
50
VDD
75
VDD
100
VBAT
6
VREF-
20
VSS
74
VSS
27
VSS
49
VSS
99
U1C
STM32L475VGTx
GND
C6
1uF
GND
VDD_MCU
C7
100nF
GND
C2
Not Fitted (8.2pF)
GND
C4
Not Fitted (8.2pF)
GND
R5
Not Fitted (0R)
R7
Not Fitted (0R)
C9
100nF
C10
100nF
C11
100nF
C12
100nF
C13
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com