Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 49 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics UM2153 Datasheet HTML 52Page - STMicroelectronics UM2153 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
Figure 29. Power supply
811
POWER SUPPLY
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
Designed by DiZiC
5V_ARD
5V
5V
3V3
5V_ARD
5V_ST_LINK
VDD_MCU
VIN
From Arduino power pin
5V_USB_FS
Open solder bridge if Discovery is supplied
from +3V3 of extension connector
Jumper to measure IDD of the MCU
IDD
5V / 800mA
3V3 / 800mA
5V PWR SELECTION FROM EXTERNAL SOURCES
GND PROBE
5V INPUT PWR FROM ARDUINO
3V3 PWR
Vin
3
Vout
2
Tab
4
U13 LD1117S50TR
Vin
3
Vout
2
Tab
4
U14
LD1117S33TR
5V_USB_CHARGER
JP6
JP5
Cannot
open
file
C:\Data
HW1
SHUNT_BK
Cannot
open
file
C:\Data
HW2
SHUNT_BK
LDO_3V3
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
JP7
GND
GND
2
4
6
8
10
1
3
5
7
9
JP4
HEADER_2X5
5V_VBAT
Cannot
open
file
C:\Data
HW3
SHUNT_BK
Cannot
open
file
C:\Data
HW4
SHUNT_BK
GREEN
LD5
LED
R25
330R
C38
10uF
C39
10uF
C41
10uF
C40
10uF
C42
100nF
SB4
Close
+5V
STLINK_V2-1 Page11/11
USB_OTG_FS Page4/11
POWER SUPPLY Page8/11
MEMS Page6/11
RF_Module Page5/11
NFC_SAFE Page7/11
ARDUINO Page9/11
Peripherals Page10/11
3V3
3V3
5V
3V3
MCU1&2 Page2&3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com