Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics UM2153 Datasheet HTML 38Page - STMicroelectronics UM2153 Datasheet HTML 39Page - STMicroelectronics UM2153 Datasheet HTML 40Page - STMicroelectronics UM2153 Datasheet HTML 41Page - STMicroelectronics UM2153 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
STM32L4 Discovery kit for IoT node I/O assignment
UM2153
38/57
DocID030118 Rev 3
32
PA7
SPI1_MOSI
ARD.D11-SPI1_MOSI/PWM
33
PC4
ADC1_IN13
ARD.A1-ADC
34
PC5
ADC1_IN14
ARD.A0-ADC
35
PB0
TIM3_CH3
ARD.D3-PWM/INT1_EXTI0
36
PB1
TIM3_CH4
ARD.D6-PWM
37
PB2
GPIO_Output
ARD.D8
38
PE7
MEMS microphone
DFSDM1_DATIN2
39
PE8
GPIO_Output
ISM43362-RST
40
PE9
MEMS microphone
DFSDM1_CKOUT
41
PE10
QSPI NOR Flash memory
QUADSPI_CLK
42
PE11
QSPI NOR Flash memory
QUADSPI_NCS
43
PE12
QSPI NOR Flash memory
QUADSPI_BK1_IO0
44
PE13
QSPI NOR Flash memory
QUADSPI_BK1_IO1
45
PE14
QSPI NOR Flash memory
QUADSPI_BK1_IO2
46
PE15
QSPI NOR Flash memory
QUADSPI_BK1_IO3
47
PB10
I2C2_SCL
INTERNAL-I2C2_SCL
48
PB11
I2C2_SDA
INTERNAL-I2C2_SDA
49
VSS
GND
VSS
50
VDD
3.3 V
VDD_MCU
51
PB12
GPIO_Output
ISM43362-BOOT0
52
PB13
GPIO_Output
ISM43362-WAKEUP
53
PB14
GPIO_Output
LED2
54
PB15
GPIO_Output
SPSGRF-915-SDN
55
PD8
USART3_TX
INTERNAL-UART3_TX
56
PD9
USART3_RX
INTERNAL-UART3_RX
57
PD10
GPIO_EXTI10
LPS22HB_INT_DRDY_EXTI10
58
PD11
GPIO_EXTI11
LSM6DSL_INT1_EXTI11
59
PD12
GPIO_EXTI12
USB_OTG_FS_PWR_EN
60
PD13
GPIO_Output
SPBTLE-RF-SPI3_CSN
61
PD14
GPIO_EXTI14
ARD.D2-INT0_EXTI14
62
PD15
GPIO_EXTI15
HTS221_DRDY_EXTI15
63
PC6
GPIO_Output
VL53L0X_XSHUT
64
PC7
GPIO_EXTI7
VL53L0X_GPIO1_EXTI7
65
PC8
GPIO_EXTI8
LIS3MDL_DRDY_EXTI8
Table 11. STM32L4 Discovery kit for IoT node I/O assignment (continued)
Pin
No.
Pin Name
Feature / Comment
Signal or Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com