Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 48 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 44Page - STMicroelectronics UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics UM2153 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Figure 28. NFC and STSAFE part
711
NFC & ST-SAFE Part
MB1297
D
12/03/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
Designed by DiZiC
PCB Antenna 15x15mm
GND
GND
/RESET
1
VCC
2
NC
3
GND
4
SDA
5
NC
6
SCL
7
NC
8
U9
STSAFE-A100 (Not Fitted)
3V3
GND
C32
100nF
3V3
GND
C33
100nF
STSAFE-A100-RESET
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
INTERNAL-I2C2_SCL
INTERNAL-I2C2_SDA
M24SR64-Y-GPO
M24SR64-Y-RF_DISABLE
RFDIS
1
AC0
2
AC1
3
VSS
4
SDA
5
SCL
6
GPO
7
VCC
8
U8
M24SR64-Y
See ANT7-T-M24SR-MB1255
GND
C67
100pF
GND
C68
1uF
GND
C71
10pF
GND
C53
10pF
GND
C72
Not Fitted
GND
C69
Not Fitted
C70
Not Fitted
R1
30K
GND
L2
742792042
R4
20K
3V3
Read=01000001(41h)
Write=01000000(40h)
Read=10101101(ADh)
Write=10101100(ACh)
ANT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com