Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
DocID030118 Rev 3
23/57
UM2153
Hardware layout and configuration
56
Figure 15. ISM43362-M3G-L44 module
The main features of the Inventek ISM43362-M3G-L44 module are:
•
Based on the Broadcom BCM43362 MAC/Baseband/Radio device
•
Supports Broadcom WICED SDK
•
CPU ARM® Cortex®-M3 32-bit RISC core from ST Microelectronics
•
IEEE 802.11n D7.0 -OFDM-72.2 Mbps -single stream w/20 MHz, Short GI
•
IEEE 802.11g (OFDM 54 Mbps)
•
IEEE 802.11b (DSSS 11 Mbps)
•
IEEE 802.11i (Security)
–
WPA (Wi-Fi Protected Access) –PSK/TKIP
–
WPA2 (Wi-Fi Protected Access 2)- AES/CCMP/802.1x Authentication
•
GPIO, 5 ADC (SPI interface utilizes ADC pins)
•
Power-saving mode allows the design of low-power applications
•
Lead Free Design which is compliant with ROHS requirements
•
EMI/EMC Metal Shield for best RF performance in noisy environments and to
accommodate for lower RF emissions/signature for easier FCC compliance.
•
FCC/CE compliance certification
On both MB1297 rev C and MB1297 rev D, the firmware revision inside the Wi-Fi module
must be: C3.5.2.3.BETA9. The Wi-Fi module maximum output power is limited to 9 dBm to
fulfill FCC/IC/CE requirements. A Wi-Fi output power higher than 9 dBm at the Wi-Fi
antenna is not allowed.
Note:
Since Wi-Fi and BLE modules are using the same frequency ISM band (2.4 to 2.485 GHz),
the simultaneous activity of both modules may affect the RF performances of Wi-Fi and/or
BLE (in term of range or throughput).
7.11.4
Dynamic NFC Tag based on M24SR with its printed NFC antenna
M24SR64-Y belongs to the ST25 family which includes all STMicroelectronics NFC/RFID
Tag and reader products. The M24SR64-Y device is a dynamic NFC/RFID Tag IC with a
dual interface. It embeds an EEPROM memory. It can be operated from an I2C interface or
by a 13.56 MHz RFID reader or by an NFC phone. The I2C interface uses a two-wire serial
interface, consisting of a bidirectional data line and a clock line. It behaves as a slave in the
I2C protocol.
The RF protocol is compatible with ISO/IEC 14443 Type A and NFC Forum Type 4 Tag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com