Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
DocID030118 Rev 3
33/57
UM2153
Connectors
56
8.3
ST-LINK/V2-1 USB Micro-B
The USB connector is used to connect the embedded ST-LINK/V2-1 to the PC to program
and debug the STM32L475VGT6 microcontroller.
Figure 20. USB Micro-B connector CN7 (front view)
8.4
ST-LINK debug connector CN8
The ST-LINK debug connector is a 1x4-pin, 2.54-mm pitch male connector. It provides
access to the embedded SWJ-DP interface of the STM32F103CBT6 MCU. This SWJ-DP
interface is a combined JTAG and serial wire debug port that enables either a serial wire
debug or a JTAG probe, to be connected to the target.
Table 6. USB Micro-B connector
Connector
Pin
number
Pin name
Signal name
STM32L4
pin
Function
CN7
1VBUS
5V_USB_ST_LINK
-
5 V power and
detection
2
DM
USB_STLK_N
PA11
USB diff pair M
3
DP
USB_STLK_P
PA12
USB diff pair P
4
ID
USB_STLK_ID
-
USB Identification
5GND
-
-
GND
Table 7. ST-LINK debug connector
Connector
Pin number
Signal name
STM32F103CBT6
Function
CN8
1
3V3_ST_LINK
VBAT, VDDA, VDD_1,
VDD_2, VDD_3
3.3 V voltage supply
2
STM_JTCK
PA14
TCK/SWCLK
3
GND
All GND pins
GND
4
STM_JTMS
PA13
JTMS/SWDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com