Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
DocID030118 Rev 3
27/57
UM2153
Hardware layout and configuration
56
The main features of the LPS22HB are:
•
260 to 1260 hPa absolute pressure range
•
Current consumption down to 3 μA
•
High overpressure capability: 20x full-scale
•
Embedded temperature compensation
•
24-bit pressure data output
•
16-bit temperature data output
•
ODR from 1 Hz to 75 Hz
•
SPI and I²C interfaces
•
Embedded FIFO
•
Interrupt functions: Data Ready, FIFO flags, pressure thresholds
•
Supply voltage: 1.7 to 3.6 V
•
High shock survivability: 22,000 g
•
Small and thin package
•
ECOPACK® lead-free compliant
7.12.6
Time-of-Flight and gesture detection sensor (VL53L0X)
The VL53L0X is a new generation Time-of-Flight (ToF) laser-ranging module housed in a
small package, providing accurate distance measurement whatever the target reflectance
unlike conventional technologies. It can measure absolute distances up to 2 m, setting a
new benchmark in ranging performance levels, opening the door to various new
applications.
The VL53L0X integrates a leading-edge SPAD array (Single Photon Avalanche Diodes) and
embeds an ST second generation FlightSense™ patented technology.
The VL53L0X 940 nm VCSEL emitter (Vertical Cavity Surface-Emitting Laser), is totally
invisible to the human eye, coupled with internal physical infrared filters, it enables longer
ranging distance, higher immunity to ambient light and better robustness to cover-glass
optical cross-talk.
The main features of the VL53L0X are listed below.
•
Fully integrated miniature module:
–
940 nm Laser VCSEL
–
VCSEL driver
–
Ranging sensor with advanced embedded micro controller
–
4.4 x 2.4 x 1.0 mm size
•
Fast, accurate distance ranging:
–
Measures absolute range up to 2 m
–
Reported range is independent of the target reflectance
–
Operates in high infrared ambient light levels
–
Advanced embedded optical cross-talk compensation to simplify cover glass
selection
•
Eye safe:
–
Class 1 laser device compliant with the latest standard IEC 60825-1:2014 - 3rd
edition. The laser output will remain within Class 1 limits as long as the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com