Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 9Page - STMicroelectronics UM2153 Datasheet HTML 10Page - STMicroelectronics UM2153 Datasheet HTML 11Page - STMicroelectronics UM2153 Datasheet HTML 12Page - STMicroelectronics UM2153 Datasheet HTML 13Page - STMicroelectronics UM2153 Datasheet HTML 14Page - STMicroelectronics UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
DocID030118 Rev 3
13/57
UM2153
Hardware layout and configuration
56
7.3
Embedded ST-LINK/V2-1
The ST-LINK/V2-1 programming and debugging tool is integrated on the STM32L4 Discovery
kit for IoT node. Compared to the ST-LINK/V2 the changes are listed below.
The new features supported on the ST-LINK/V2-1 are:
•
USB software re-enumeration
•
Virtual COM port interface on USB
•
Mass storage interface on USB
•
USB power management request for more than 100 mA power on USB
The following features are no more supported on the ST-LINK/V2-1:
•
SWIM interface
•
Application voltage lower than 3 V
For all general information concerning debugging and programming features common
between V2 and V2-1 versions, refer to ST-LINK/V2 in-circuit debugger/programmer for
STM8 and STM32 User manual (UM1075) at the www.st.com website.
7.3.1
Drivers
Before connecting STM32L475VG to a Windows® PC (XP, 7, 8 or 10) via USB, a driver for
the ST-LINK/V2-1 must be installed. It is available at the www.st.com website.
In case the STM32L4 Discovery kit for IoT node is connected to the PC before the driver is
installed, some STM32L4 Discovery kit interfaces may be declared as “unknown” in the PC
device manager. In this case the user must install the driver files, and update the driver of
the connected device from the device manager (see Figure 6).
Note:
Prefer using the “USB Composite Device” handle for a full recovery.
Figure 6. USB composite device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com