Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
DocID030118 Rev 3
21/57
UM2153
Hardware layout and configuration
56
oscillators are integrated to offer a certified solution to optimize the time to market of the
final applications.
Figure 13. SPBTLE-RF module
The main features of the ST SPBTLE-RF module are listed below.
Bluetooth V4.1 compliant (supports master and slave modes, multiple roles supported
simultaneously
Embedded Bluetooth low-energy protocol stack (GAP, GATT, SM, L2CAP, LL, RFPHY)
Bluetooth low-energy profiles provided separately
Bluetooth radio performance:
Embedded ST BlueNRG-MS
Tx power: + 4 dBm
Host interface: SPI, IRQ, and RESET. On-field stack upgrading available via SPI.
Certification: CE qualified, FCC, IC modular approval certified, BQE qualified
On-board chip antenna
7.11.2
Sub-GHz low-power-programmable RF module
(SPSGRF-868 or SPSGRF-915)
Two modules are available depending on the frequency of the Sub-GHz module (M3). The
SPSGRF-868 and SPSGRF-195 are easy-to-use, low-power Sub-GHz modules based on
the SPIRIT1 RF transceiver, operating respectively in the 868 MHz SRD and 915 MHz ISM
bands.
The modules provide a complete RF platform in a tiny form factor (foot print of this module is
13.5 mm x 11.5 mm). The SPSGRF-915 is an FCC certified module (FCC ID: S9NSPSGRF)
and IC certified (IC 8976CSPSGRF), while the SPSGRF-868 is certified CE0051.
The modules include four programmable I/O pins and an SPI serial interface (SPI3 of
STM32L475VG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com