Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
DocID030118 Rev 3
19/57
UM2153
Hardware layout and configuration
56
7.5
Programming/debugging when the power supply is not from
ST-LINK (5V_ST_LINK)
It is mandatory to power the board first using CN2 (VIN) or CN9 (USB_FS_OTG), then
connecting the USB cable to the PC. Proceeding this way ensures that the enumeration
succeeds thanks to the external power source.
The following power sequence procedure must be respected:
•
Connect the jumper JP4 on (5V_ARD) or (5V_USB_FS)
•
Connect the external power source to CN2 in case of an Arduino shield or to CN9 in
case of USB FS host interface
•
Check that the red LED LD5 is turned ON
•
Connect the PC to USB connector CN7
If this sequence is not respected, the board may be powered by VBUS first from ST-LINK, and
the following risks may be encountered:
•
If more than 500 mA current is needed by the board, the PC may be damaged or
current can be limited by PC. As a consequence the board is not powered correctly.
•
500 mA is requested at the enumeration, so there is a risk that the request is rejected
and enumeration does not succeed if the PC cannot provide such current.
7.6
Clock sources
Three clock sources are described below:
•
X1 which is the 8 MHz oscillator for STM32L475VG microcontroller. This clock is not
implemented in a basis configuration.
•
X2 which is the 32.768 KHz crystal for the STM32L475VG embedded RTC
•
X3 which is the 8 MHz clock from ST-LINK MCU for the STM32L475VG microcontroller.
7.7
Reset sources
The reset signal of the STM32L4 Discovery kit is active low and the reset sources includes:
•
A reset button B1
•
An Arduino Uno V3 shield board from CN2
•
An embedded ST-LINK/V2-1
7.8
USB OTG FS
The STM32L4 Discovery kit supports USB OTG FS communication via a USB Micro-AB
connector (CN9).
To do this the following components must be added by the users:
•
8 MHz crystal (at X1 position); ref: NX3225GD-8.00M
•
8.2 pF capacitor (0402 size) at C2 position
•
8.2 pF capacitor (0402 size) at C4 position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com