Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 8Page - STMicroelectronics UM2153 Datasheet HTML 9Page - STMicroelectronics UM2153 Datasheet HTML 10Page - STMicroelectronics UM2153 Datasheet HTML 11Page - STMicroelectronics UM2153 Datasheet HTML 12Page - STMicroelectronics UM2153 Datasheet HTML 13Page - STMicroelectronics UM2153 Datasheet HTML 14Page - STMicroelectronics UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
7.2
STM32L4 Discovery kit for IoT node mechanical drawing
Figure 5. STM32L4 Discovery kit for IoT node mechanical drawing
1. Plastic Spacer Height = 14mm, Overall Height = 26mm +/- 1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com