Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 42Page - STMicroelectronics UM2153 Datasheet HTML 43Page - STMicroelectronics UM2153 Datasheet HTML 44Page - STMicroelectronics UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 57 page
background image
Figure 26. RF module
511
RF Modules
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
Designed by DiZiC
GND
1
VDD
2
GND
3
TMS
4
TCK
5
TDI
6
TDO
7
TRSTN
8
ADC4/MOSI
9
ADC3/MISO
10
ADC2/SCK
11
ADC1/SSN
12
ADC0/DATARDY
13
GPIO0
23
GPIO1
24
GPIO2
25
GPIO3
26
GPIO4
27
CFG0
28
CFG1
29
RES
30
RES
31
RES
32
BOOT0
33
RSTN
34
GND
35
M2
ISM43362-M3G-L44
GPIO (3)
1
GPIO (2)
2
GPIO (1)
3
GPIO (0)
4
Vin
5
GND
6
SPI_CLK
7
SPI_MISO
8
SPI_MOSI
9
SPI_CS
10
SDN
11
GPIO (3)
GPIO (2)
GPIO (1)
GPIO (0)
Vi
V
V n
GND
SPI_CLK
SPI_MISO
SPI_MOSI
SPI_CS
SDN
M3
SPSGRF
EXT_LPCLK
1
GPIO2
2
ANA_TEST 0
3
SPI_IRQ
4
Vin
5
GND
6
SPI_SCLK
7
SPI_MISO
8
SPI_MOSI
9
SPI_CS
10
BT_RESET
11
EXT_LPCLK
GPIO2
ANA_TEST 0
SPI_IRQ
Vi
V
V n
GND
SPI_SCLK
SPI_MISO
SPI_MOSI
SPI_CS
BT_RESET
M1
BT Module
3V3_WIFI
GND
C47
100nF
GND
GND
GND
C44
100nF
GND
GND
GND
GND
3V3
GND
C43
100nF
3V3
GND
C45
100nF
GND
GND
SPBTLE-RF-RST
SPBTLE-RF-SPI3_CSN
SPBTLE-RF-IRQ_EXTI6
ISM43362-RST
ISM43362-SPI3_CSN
ISM43362-DRDY_EXTI1
INTERNAL-SPI3_SCK
INTERNAL-SPI3_MISO
INTERNAL-SPI3_MOSI
INTERNAL-SPI3_SCK
INTERNAL-SPI3_MISO
INTERNAL-SPI3_MOSI
ISM43362-BOOT0
ISM43362-WAKEUP
SPSGRF-915-SDN
INTERNAL-UART3_TX
INTERNAL-UART3_RX
SO/SIO1
2
WP#/SIO2
3
RESET#/SOI3
7
GND
4
SCLK
6
CS#
1
SI/SIO0
5
VCC
8
U11
MX25R6435F
IN
1
OUT
3
U12
LT1963EST-3.3
3V3_WIFI
3V3_WIFI
GND
GND
C50
10uF
GND
C49
10uF
5V
3V3
GND
C48
100nF
GND
QUADSPI_CLK
QUADSPI_NCS
QUADSPI_BK1_IO0
QUADSPI_BK1_IO1
QUADSPI_BK1_IO2
QUADSPI_BK1_IO3
SPSGRF-915-SPI3_CSN
SPSGRF-915-GPIO3_EXTI5
3V3
INTERNAL-SPI3_SCK
INTERNAL-SPI3_MISO
INTERNAL-SPI3_MOSI
GND
3V3_WIFI
3V3_WIFI
R26
47K
TP1
TP2
TP3
TP4
TP5
TP6
GND
C75
2.2uF
GND
C76
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com