Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 50 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics UM2153 Datasheet HTML 50Page - STMicroelectronics UM2153 Datasheet HTML 51Page - STMicroelectronics UM2153 Datasheet HTML 52Page - STMicroelectronics UM2153 Datasheet HTML 53Page - STMicroelectronics UM2153 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Figure 30. Arduino Uno V3 connector
911
Arduino Uno connector
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
ARDUINO UNO connector
A0
A1
A2
A3
A4
A5
RX/D0
TX/D1
D2
D4
PWM/D3
PWM/D5
PWM/D6
D7
D8
PWM/D9
PWM/CS/D10
SDA/D14
SCL/D15
VIN
SCK/D13
MISO/D12
PWM/MOSI/D11
AVDD
GND
IOREF
NRST
3V3
5V
GND
GND
VIN
3V3
5V
WARNING voltage applied to VIN <11.5V
5V_ARD
GND
GND
ARD.D1-UART4_TX
ARD.D0-UART4_RX
ARD.D10-SPI_SSN/PWM
ARD.D4
ARD.D7
ARD.D13-SPI1_SCK/LED1
ARD.D12-SPI1_MISO
ARD.D11-SPI1_MOSI/PWM
ARD.A5-ADC
ARD.A4-ADC
ARD.A3-ADC
ARD.A2-ADC
ARD.A1-ADC
ARD.A0-ADC
ARD.D3-PWM/INT1_EXTI0
ARD.D6-PWM
ARD.D8
ARD.D5-PWM
ARD.D14-I2C1_SDA
ARD.D15-I2C1_SCL
ARD.D2-INT0_EXTI14
STM_NRST
ARD.D9-PWM
VDDA
Designed by DiZiC
R3 1k
R2
0R
GND
C1
100nF
1
2
3
4
5
6
CN4
Header 6X1_Female_SMD
1
2
3
4
5
6
7
8
CN2
Header 8X1_Female_SMD
1
2
3
4
5
6
7
8
CN3
Header 8X1_Female_SMD
1
2
3
4
5
6
7
8
9
10
CN1
Header 10X1_Female_SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com