Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 41Page - STMicroelectronics UM2153 Datasheet HTML 42Page - STMicroelectronics UM2153 Datasheet HTML 43Page - STMicroelectronics UM2153 Datasheet HTML 44Page - STMicroelectronics UM2153 Datasheet HTML 45Page - STMicroelectronics UM2153 Datasheet HTML 46Page - STMicroelectronics UM2153 Datasheet HTML 47Page - STMicroelectronics UM2153 Datasheet HTML 48Page - STMicroelectronics UM2153 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Figure 25. USB OTG FS
411
USB_OTG_FS
MB1297
D
29/01/2017
Title:
Size:
Reference:
Date:
Sheet:
of
A4
Revision:
Project:
5V
3V3
USB_OTG_FS_VBUS
5V_USB_FS
USB_OTG_FS_DM
USB_OTG_FS_DP
USB_OTG_FS_ID
USB_OTG_FS_PWR_EN
GND
2
IN
5
EN
4
OUT
1
FAULT
3
U19
STMPS2141STR
Dz
A2
ID
A3
Pd1
B1
Pup
B2
Vbus
B3
D+in
C1
Pd2
C2
D+out
C3
D-in
D1
GND
D2
D-out
D3
U20
EMIF02-USB03F2
VBUS
1
DM
2
DP
3
ID
4
GND
5
Shield
6
Shield
7
Shield
8
Shield
9
EXP
10
CN9
475900001
VBUS OK LED
3V3
USB_OTG_FS_OVRCR_EXTI3
3V3
VBUS OVRCR LED
ESD PROTECTION SHOULD BE CLOSE TO THE CONNECTOR
GND
GND
GND
GND
GND
GND
Designed by DiZiC
R62
47K
R58
47K
RED
LD8
LED
R56
1K
R61
0R
R57
47K
R59
100K
3V3
GREEN
LD9
LED
R55
330R
1
Q2
BSR14
C66
4.7uF
USB_N
USB_P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com