Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics UM2153 Datasheet HTML 38Page - STMicroelectronics UM2153 Datasheet HTML 39Page - STMicroelectronics UM2153 Datasheet HTML 40Page - STMicroelectronics UM2153 Datasheet HTML 41Page - STMicroelectronics UM2153 Datasheet HTML 42Page - STMicroelectronics UM2153 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
DocID030118 Rev 3
39/57
UM2153
STM32L4 Discovery kit for IoT node I/O assignment
56
66
PC9
GPIO_EXTI9
LED3 (WIFI) & LED4 (BLE)
67
PA8
GPIO_Output
SPBTLE-RF-RST
68
PA9
USB_OTG
USB_OTG_FS_VBUS
69
PA10
USB_OTG
USB_OTG_FS_ID
70
PA11
USB_OTG
USB_OTG_FS_DM
71
PA12
USB_OTG
USB_OTG_FS_DP
72
PA13
ST-LINK
SYS_JTMS-SWDIO
73
VDDUSB
3.3 V
VDD_MCU
74
VSS
GND
GND
75
VDD
3.3 V
VDD_MCU
76
PA14
ST-LINK
SYS_JTCK-SWCLK
77
PA15
TIM2_CH1
ARD.D9-PWM
78
PC10
SPI3_SCK
INTERNAL-SPI3_SCK
79
PC11
SPI3_MISO
INTERNAL-SPI3_MISO
80
PC12
SPI3_MOSI
INTERNAL-SPI3_MOSI
81
PD0
GPIO_Output
PMOD-RESET
82
PD1
GPIO_Output
PMOD-SPI2_SCK
83
PD2
GPIO_EXTI2
PMOD-IRQ_EXTI2
84
PD3
USART2_CTS
PMOD-UART2_CTS/SPI2_MISO
85
PD4
USART2_RTS
PMOD-UART2_RTS/SPI2_MOSI
86
PD5
USART2_TX
PMOD-UART2_TX/SPI2_CSN
87
PD6
USART2_RX
PMOD-UART2_RX
88
PD7
GPIO_Output
STSAFE-A100-RESET
89
PB3
ST-LINK
SYS_JTDO-SWO
90
PB4
TIM3_CH1
ARD.D5-PWM
91
PB5
GPIO_Output
SPSGRF-915-SPI3_CSN
92
PB6
USART1_TX
ST-LINK-UART1_TX
93
PB7
USART1_RX
ST-LINK-UART1_RX
94
BOOT0
Boot
BOOT0
95
PB8
I2C1_SCL
ARD.D15-I2C1_SCL
96
PB9
I2C1_SDA
ARD.D14-I2C1_SDA
97
PE0
GPIO_Output
ISM43362-SPI3_CSN
98
PE1
GPIO_EXTI1
ISM43362-DRDY_EXTI1
Table 11. STM32L4 Discovery kit for IoT node I/O assignment (continued)
Pin
No.
Pin Name
Feature / Comment
Signal or Label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com