Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
DocID030118 Rev 3
31/57
UM2153
Connectors
56
Table 4. Arduino connector pinout
Connector
Pin
number
Pin name
Signal name
STM32
pin
Function
CN2
1NC
-
-
-
2
IOREF
-
-
3.3 V reference
3
NRST
STM_NRST
NRST
Reset
4
3.3 V
-
-
3.3 V input/output
55V
-
-
5V
6GND
-
-
GND
7GND
-
-
GND
8
VIN
-
-
Power input
CN4
1
A0
ARD.A0-ADC
PC5
ADC
2
A1
ARD.A1-ADC
PC4
ADC
3
A2
ARD.A2-ADC
PC3
ADC
4
A3
ARD.A3-ADC
PC2
ADC
5
A4
ARD.A4-ADC
PC1
ADC / I2C3_SDA
6
A5
ARD.A5-ADC
PC0
ADC / I2C3_SCL
CN1
10
SCL/D15
ARD.D15-I2C1_SCL
PB8
I2C1_SCL
9
SDA/D14
ARD.D14-I2C1_SDA
PB9
I2C1_SDA
8
AVDD
VDDA
-
VDDA
7
GND
GND
-
Ground
6SCK/D13
ARD.D13-
SPI1_SCK/LED1
PA5
SPI1_SCK / LED1
5
MISO/D12
ARD.D12-SPI1_MISO
PA6
SPI1_MISO
4
PWM/MOSI/
D11
ARD.D11-
SPI1_MISO/PWM
PA7
SPI1_MOSI /
TIMxx
3
PWM/CS/D1
0
ARD.D10-
SPI_SSN/PWM
PA2
SPI1_NSS /
TIM2_CH3
2
PWM/D9
ARD.D9-PWM
PA15
TIM2_CH1
1
D8
ARD.D8
PB2
GPIO
CN3
8
D7
ARD.D7
PA4
GPIO
7
PWM/D6
ARD.D6-PWM
PB1
TIM3_CH4
6
PWM/D5
ARD.D5-PWM
PB4
TIM3_CH1
5D4
ARD.D4
PA3
TIMxx
4PWM/D3
ARD.D3-
PWM/INT1_EXTI0
PB0
TIM3_CH3 / EXTI0
3
D2
ARD.D2-INT0_EXTI14
PD14
EXTI14
2
TX/D1
ARD.D1-UART4_TX
PA0
UART4_TX
1
RX/D0
ARD.D0-UART4_RX
PA1
UART4_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com