Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics UM2153 Datasheet HTML 38Page - STMicroelectronics UM2153 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
Table 10. PMOD solder bridge configuration
Alternate configuration (UART)
Standard configuration (SPI)
STM32L4
pin
Solder bridge
configuration
Pin name
STM32L4
pin
Solder bridge
configuration
Pin name
PMOD pin
number
Pin
name
STM32L4 pin
--
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
--
-
-
-
-
-
-
-
-
PD3
SB14 open;
SB19 close
PMOD-UART2_
CTS/SPI2_MISO
PD5
SB14 close;
SB19 open
PMOD-UART2_
Tx/SPI2_CSN
1
7
PMOD-IRQ_EXTI2
PD2
PD5
SB15 open;
SB12 close
PMOD-UART2_
Tx/SPI2_CSN
PD4
SB15 close;
SB12 open
PMOD-UART2_
RTS/SPI2_MOSI
2
8
PMOD-RESET
PD0
PD6
SB18 open;
SB20 close
PMOD-
UART2_RX
PD3
SB18 close;
SB20 open
PMOD-UART2_
CTS/SPI2_MISO
39
NC
NC
PD4
SB21 open;
SB16 close
PMOD-UART2_
RTS/SPI2_MOSI
PD1
SB21 close;
SB16 open
PMOD-
SPI2_SCK
410
NC
NC
-
-
-
-
-
GND
5
11
GND
-
-
-
-
-
-
3.3 V
6
12
3.3 V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com