Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics UM2153 Datasheet HTML 37Page - STMicroelectronics UM2153 Datasheet HTML 38Page - STMicroelectronics UM2153 Datasheet HTML 39Page - STMicroelectronics UM2153 Datasheet HTML 40Page - STMicroelectronics UM2153 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
DocID030118 Rev 3
37/57
UM2153
STM32L4 Discovery kit for IoT node I/O assignment
56
Appendix A
STM32L4 Discovery kit for IoT node I/O
assignment
Table 11. STM32L4 Discovery kit for IoT node I/O assignment
Pin
No.
Pin Name
Feature / Comment
Signal or Label
1
PE2
GPIO_Output
M24SR64-Y-RF_DISABLE
2
PE3
GPIO_EXTI3
USB_OTG_OVRCR_EXTI3
3
PE4
GPIO_EXTI4
M24SR64-Y-GPO
4
PE5
GPIO_EXTI5
SPSGRF-915-GPIO3_EXTI5
5
PE6
GPIO_EXTI6
SPBTLE-RF-IRQ_EXTI6
6VBAT
Voltage supply
VBAT
7
PC13
GPIO_EXTI13
BUTTON_EXTI13
8
PC14/OSC32_IN
RTC CLK
RCC_OSC32_IN
9
PC15/OSC32_OUT
RTC CLK
RCC_OSC32_OUT
10
VSS
GND
GND
11
VDD
3.3 V
VDD_MCU
12
PH0/OSC_IN
8MHz CLK
RCC_OSC_IN
13
PH1/OSC_OUT
8MHz CLK
RCC_OSC_OUT
14
NRST
reset
STM_NRST
15
PC0
ADC1_IN1
ARD.A5-ADC
16
PC1
ADC1_IN2
ARD.A4-ADC
17
PC2
ADC1_IN3
ARD.A3-ADC
18
PC3
ADC1_IN4
ARD.A2-ADC
19
VSSA
GND
GND
20
VREF-
GND
GND
21
VREF+
3.3 V
VDDA
22
VDDA
3.3 V
VDDA
23
PA0
UART4_TX
ARD.D1-UART4_TX
24
PA1
UART4_RX
ARD.D0-UART4_RX
25
PA2
TIM2_CH3
ARD.D10-SPI_SSN/PWM
26
PA3
GPIO_Output
ARD.D4
27
VSS
GND
VSS
28
VDD
3.3 V
VDD_MCU
29
PA4
GPIO_Output
ARD.D7
30
PA5
SPI1_SCK
ARD.D13-SPI1_SCK/LED1
31
PA6
SPI1_MISO
ARD.D12-SPI1_MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com