Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics UM2153 Datasheet HTML 27Page - STMicroelectronics UM2153 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
Hardware layout and configuration
UM2153
24/57
DocID030118 Rev 3
The main features of the M24SR64-Y are:
•
I2C interface (I2C2 of STM32L475VGT6). The two-wire I2C serial interface supports
1 MHz protocol.
•
Contactless interface:
–
NFC Forum Type 4 Tag
–
ISO/IEC 14443 Type A
–
106 Kbps data rate
–
Internal tuning capacitance: 25 pF
•
Memory:
–
8-Kbyte (64-kbit) EEPROM
–
Support of NDEF data structure
–
Data retention: 200 years
–
Write cycle endurance:
1 million Write cycles at 25 °C
600 K Write cycles at 85 °C
500 K Write cycles at 105 °C
•
Read up to 246 Bytes in a single command
•
Write up to 246 Bytes in a single command
•
7-Byte unique identifier (UID)
•
128-bit password protection
7.12
STMicroelectronics sensors
Several STMicroelectronics sensors are available on the STM32L4 Discovery kit for IoT
node board, they are listed below:
•
2 on-board ST-MEMS audio sensor omnidirectional digital microphones (MP34DT01)
•
Capacitive digital sensor for relative humidity and temperature (HTS221)
•
High-performance 3-axis magnetometer (LIS3MDL)
•
3D accelerometer and 3D gyroscope (LSM6DSL)
•
260-1260 hPa absolute digital output barometer (LPS22HB)
•
Time-of-Flight and gesture detection sensor (VL53L0X)
7.12.1
Two on-board ST-MEMS microphones (MP34DT01)
The MP34DT01 is an ultra-compact, low-power, omnidirectional, digital ST-MEMS
microphone built with a capacitive sensing element and an IC interface.
The sensing element, capable of detecting acoustic waves, is manufactured using a
specialized silicon micromachining process dedicated to produce audio sensors.
The IC interface is manufactured using a CMOS process that allows designing a dedicated
circuit able to provide a digital signal externally in PDM format.
The MP34DT01 has an acoustic overload point of 120 dBSPL with a 63 dB signal-to-noise
ratio and –26 dBFS sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com