Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 28Page - STMicroelectronics UM2153 Datasheet HTML 29Page - STMicroelectronics UM2153 Datasheet HTML 30Page - STMicroelectronics UM2153 Datasheet HTML 31Page - STMicroelectronics UM2153 Datasheet HTML 32Page - STMicroelectronics UM2153 Datasheet HTML 33Page - STMicroelectronics UM2153 Datasheet HTML 34Page - STMicroelectronics UM2153 Datasheet HTML 35Page - STMicroelectronics UM2153 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Connectors
UM2153
32/57
DocID030118 Rev 3
8.2
TAG connector CN5
The TAG connector is implemented on the STM32L4 Discovery kit for IoT node. The TAG
connector is a 10-pin footprint supporting SWD mode, which is shared with the same signals
as for the ST-LINK.
The TC2050-IDC-NL cable is used to link ST-LINK and TAG connector on the STM32L4
Discovery kit for IoT node, so that the STM32L4 can be easily programmed and debugged
without any extra accessory.
Figure 18. TAG connector
Figure 19. TC2050-IDC-NL cable
Table 5. TAG connector pinout
Connector
Pin
number
Pin name
Signal name
STM32L4
pin
Function
CN5
1
3.3 V
3V3_ST_LINK
-
Power
2
SWD
SYS_JTMS-SWDIO
PA13
Serial Wire Data
Input/Output
3
GND
-
-
Ground
4
SWCLK
SYS_JTCK-SWCLK
PA14
Serial Wire Clock
5
GND
-
-
Ground
6
SWO
STLINK_JTDO_SWO
PB3
Serial Wire Output
7NC
-
-
-
8NC
-
-
-
9NC
-
-
-
10
NRST
STM_NRST
NRST
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com