Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 13Page - STMicroelectronics UM2153 Datasheet HTML 14Page - STMicroelectronics UM2153 Datasheet HTML 15Page - STMicroelectronics UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
DocID030118 Rev 3
17/57
UM2153
Hardware layout and configuration
56
Figure 11. JP4: 5V_USB_CHARGER selection
Note:
If the board is powered by a USB charger, there is no USB enumeration, so the led LD7
remains OFF permanently and the board is not powered. In this specific case only, the
resistor R30 needs to be soldered, to allow the board to be powered anyway.
Caution:
Do not connect the PC to the ST-LINK (CN7) when R30 is soldered. The PC may be damaged
or the board may not be powered correctly.
The green LED LD5 is lit when the STM32L4 Discovery kit for IoT node is powered by the 5 V
correctly.
The power tree is showed in the Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com