Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics UM2153 Datasheet HTML 25Page - STMicroelectronics UM2153 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Hardware layout and configuration
UM2153
22/57
DocID030118 Rev 3
Figure 14. SPSGRF module
The main features of the ST SPSGRF module are listed below.
•
Programmable radio features:
–
Based on Sub-1GHz SPIRIT1 transceiver and integrated Balun (BALF-SPI-01D3)
–
Modulation schemes: 2-FSK, GFSK, MSK, GMSK, OOk and ASK
–
Air data rate from 1 to 500 kbps
–
On-board antenna
•
Programmable RF output power up to +11.6 dBm
•
Host interface: SPI
•
General I/O (up to 32 programmable I/O functions on 4 GPIO programmable module
pins
•
Two typical carrier frequency versions:
–
SPSGRF-868 with 868 MHz tuned antenna
–
SPSGRF-195 with 915 MHz tuned antenna
7.11.3
Wi-Fi module Inventek ISM43362-M3G-L44 (802.11 b/g/n)
The Inventek ISM43362-M3G-L44 module (M2) is implemented on top side of the STM32L4
Discovery kit for IoT node board. This module is an embedded (eS-WiFi) wireless Internet
Connectivity device. The Wi-Fi module hardware consists of an ARM® Cortex® -M3 STM32
host processor, an integrated antenna (or optional external antenna) and a Broadcom Wi-Fi
device. The module uses either a UART (UART3 of STM32L475VG) or an SPI (SPI3 of
STM32L475VG) interface. As default, an SPI interface is used, as the corresponding
firmware (for SPI capability) is downloaded on the Wi-Fi ISM43362-M3G-L44 module. The
Wi-Fi module requires no operating system and has a completely integrated TCP/IP stack
that only requires AT commands to establish connectivity for wireless product. The foot print
of this module is 14.5 mm x 30 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com