Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2153 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM2153
Description  Discovery kit for IoT node, multi-channel communicationwith STM32L4
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2153 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM2153 Datasheet HTML 16Page - STMicroelectronics UM2153 Datasheet HTML 17Page - STMicroelectronics UM2153 Datasheet HTML 18Page - STMicroelectronics UM2153 Datasheet HTML 19Page - STMicroelectronics UM2153 Datasheet HTML 20Page - STMicroelectronics UM2153 Datasheet HTML 21Page - STMicroelectronics UM2153 Datasheet HTML 22Page - STMicroelectronics UM2153 Datasheet HTML 23Page - STMicroelectronics UM2153 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
Hardware layout and configuration
UM2153
20/57
DocID030118 Rev 3
•
0 ohm resistor (0402 size) at R5 position
•
0 ohm resistor (0402 size) at R7 position
The STM32L4 Discovery kit can be powered by the USB connectors at 5 V DC with 500 mA
current limitation.
A USB power switch (IC19) is also connected on VBUS and provides power to CN9. The
green LED LD9 is lit when either:
•
Power switch is ON and STM32L4 Discovery kit works as an USB host
•
VBUS is powered by another USB host when STM32L4 Discovery kit works as a USB
device.
The red LED LD8 is lit when an over-current occurs.
7.9
Quad-SPI NOR Flash memory
64-Mbit Quad-SPI NOR Flash memory (N25Q128A13EF840F from MICRON) is connected
to the Quad-SPI interface of the STM32L475VGT6.
7.10
Virtual COM port
The serial interface USART6 is directly available as a virtual COM port of the PC connected
to the ST-LINK/V2-1 USB connector CN7. The virtual COM port settings are configured as:
115200 b/s, 8 bits data, no parity, 1 stop bit, no flow control.
7.11
RF modules
Four RF interfaces are available on the STM32L4 Discovery kit for IoT node board:
•
Bluetooth (V4.1 compliant) SPBTLE-RF module
•
Sub-GHz (868 or 915 MHz) low-power-programmable RF module (SPSGRF-868 or
SPSGRF-915),
•
Wi-Fi module Inventek ISM43362-M3G-L44 (802.11 b/g/n compliant)
•
Dynamic NFC tag based on M24SR with its printed NFC antenna (double layer
inductive antenna etched on the PCB).
7.11.1
Bluetooth (V4.1 compliant) SPBTLE-RF module
The ST SPBTLE-RF module (M1) is implemented on top side of the STM32L4 Discovery kit
for IoT node board.
The SPBTLE-RF is an easy to use Bluetooth smart master/slave network processor module,
compliant with Bluetooth V4.1. The SPBTLE-RF B-Smart module supports multiple roles
simultaneously, and it can act at the same time as Bluetooth Smart sensor and hub device.
The entire Bluetooth Smart stack and protocol are embedded into the SPBTLE-RF B-Smart
module. The external host application processor, where the application resides, is
connected to the SPBTLE-RF B-Smart module through a standard SPI interface (SPI3 of
STM32L475VGT6).
The SPBTLE-RF B-Smart module provides a complete RF platform in a tiny form factor (foot
print of this module is 13.5 mm x 11.5 mm). Radio, antenna, high frequency and LPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com